Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPPM0304 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPPM0304
Description  250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPPM0304 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPPM0304 Datasheet HTML 6Page - Texas Instruments TPPM0304 Datasheet HTML 7Page - Texas Instruments TPPM0304 Datasheet HTML 8Page - Texas Instruments TPPM0304 Datasheet HTML 9Page - Texas Instruments TPPM0304 Datasheet HTML 10Page - Texas Instruments TPPM0304 Datasheet HTML 11Page - Texas Instruments TPPM0304 Datasheet HTML 12Page - Texas Instruments TPPM0304 Datasheet HTML 13Page - Texas Instruments TPPM0304 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TPPM0304
250-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT
SLVS320 – OCTOBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
25
39
75 89
108
150
1.275
0.71
0.625
0.425
Power Dissipation Derate Curve Using
High-K PCB
Power Dissipation Derate Curve Using
Low-K PCB
Ambient Temperature –
°C
NOTE: These curves are to be used for guideline purposes only. For a particular application, a more specific thermal characterization is required.
Figure 10. Power Dissipation Derating Curves
APPLICATION INFORMATION
8
TPPM0304
1
GND
NC
7
2
5VAUX
3.3VAUX
0.1
µF
4.7
µF
6
3
NC
NC
5
4
5VCC
3.3VOUT
0.1
µF
4.7
µF
0.1
µF
4.7
µF
4.7
µF
Figure 11. Typical Application Schematic


Similar Part No. - TPPM0304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0301DR TI-TPPM0301DR Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0301DRG4 TI-TPPM0301DRG4 Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0302 TI-TPPM0302 Datasheet
414Kb / 16P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
More results

Similar Description - TPPM0304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303_15 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0302DGN TI-TPPM0302DGN Datasheet
414Kb / 16P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
logo
Advanced Analog Technol...
AAT1201 AAT-AAT1201 Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1202 AAT-AAT1202 Datasheet
399Kb / 18P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL -OUTPUT POWER MANAGEMENT
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com