Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD2520 Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMD2520
Description  SMD Quartz Crystal Resonator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMD2520 Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMD2520 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD2520 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD2520 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD2520 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD2520 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD2520 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD2520 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd SMD2520 Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3.1 Mechanical characteristics
Provided that measurement shall be carried out after letting it alone in the room temperature for 1h.
Item
Specifications
1
Drop Test
Dropping 3 times from the height of 75cm onto hard wooden board of thickness
more than 30mm.
2
Mechanical
Shock
Devices are shocked to half sine wave (1000 G) three mutually perpendicular
axes each 3 times.
(1) Vibration Frequency
10~55Hz
(2) Cycle
1 to 2 min
(3) Amplitude
1.0mm
(4) Direction
X.Y.Z
3
Vibration
(5) Time
2hr for each direction
4
Solderability
MIL - STD - 20E Method 208C
Temperature
245℃±5℃
Material
H63A (Silver 2 ~ 3 %)
Immersion depth
0.5 mm minimum
Immersion time
3 ± 0.5 seconds
Flux
Rosin resin methyl alcohol solvent ( 1 : 4 )
5
Resistance to
Soldering
Heat
MIL - SLD -202, Method 210, Condition I or J
10 sec immersion into 260 ± 5℃ solder pot, above 180℃ is 90 ~ 120 sec.
*Frequency variation shall be within +/-5ppm and equivalent resistance less than ±15% max. after the test.
Note: Measuring the frequency should be done after keeping test samples at room temperature for 24 hours.
SMD Quartz Crystal Resonator


Similar Part No. - SMD2520

ManufacturerPart #DatasheetDescription
logo
Fronter Electronics Co....
SMD2520 FRONTER-SMD2520 Datasheet
175Kb / 2P
   4 Pad Version 2.5x2.0 mm
logo
Shenzhen Luguang Electr...
SMD2520-26 LUGUANG-SMD2520-26 Datasheet
2Mb / 5P
   SPECIFICATION REQUREMENTS FOR CRYSTAL
More results

Similar Description - SMD2520

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMD7.0X5.0 LUGUANG-SMD7.0X5.0 Datasheet
423Kb / 8P
   SMD Quartz Crystal Resonator
HCX-4SB LUGUANG-HCX-4SB Datasheet
415Kb / 8P
   SMD Quartz Crystal Resonator
SMD5032 LUGUANG-SMD5032 Datasheet
474Kb / 8P
   SMD Quartz Crystal Resonator
logo
List of Unclassifed Man...
FM206 ETC2-FM206 Datasheet
135Kb / 1P
   QUARTZ CRYSTAL RESONATOR
AT38 ETC2-AT38 Datasheet
221Kb / 1P
   QUARTZ CRYSTAL RESONATOR
UM-1 ETC2-UM-1 Datasheet
193Kb / 1P
   QUARTZ CRYSTAL RESONATOR
DT38 ETC2-DT38 Datasheet
208Kb / 1P
   QUARTZ CRYSTAL RESONATOR
FTX32 ETC2-FTX32 Datasheet
189Kb / 1P
   QUARTZ CRYSTAL RESONATOR
FTX221S ETC2-FTX221S Datasheet
167Kb / 1P
   QUARTZ CRYSTAL RESONATOR
FTX321S ETC2-FTX321S_1 Datasheet
147Kb / 1P
   QUARTZ CRYSTAL RESONATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com