Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS9110IPWLE Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS9110IPWLE
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS9110IPWLE Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS9110IPWLE Datasheet HTML 5Page - Texas Instruments TPS9110IPWLE Datasheet HTML 6Page - Texas Instruments TPS9110IPWLE Datasheet HTML 7Page - Texas Instruments TPS9110IPWLE Datasheet HTML 8Page - Texas Instruments TPS9110IPWLE Datasheet HTML 9Page - Texas Instruments TPS9110IPWLE Datasheet HTML 10Page - Texas Instruments TPS9110IPWLE Datasheet HTML 11Page - Texas Instruments TPS9110IPWLE Datasheet HTML 12Page - Texas Instruments TPS9110IPWLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TPS9110
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY
SLVS164 – AUGUST 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RESET
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Input threshold voltage
VL voltage decreasing
2.871
2.93
2.989
V
Input threshold voltage
VL voltage decreasing,
PL = VCC
2.548
2.6
2.652
V
Timeout delay at RESET
See Figure 5
125
250
375
ms
High-level output voltage
IO = – 40 µA
2.4
V
Low level output voltage
IO = 1 mA,
VCC = 1.5 V
0.4
V
Low-level output voltage
IO = 3.2 mA
0.4
V
Hysteresis
40
mV
† Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effect must be
taken into account separately.
logic inputs at EN_A, EN_B
PARAMETER
MIN
TYP
MAX
UNIT
High-level input voltage
2
V
Low-level input voltage
0.8
V
Input current
–20
–10
1
µA
logic inputs at PL, PA, PB, OFF, ON_REM
PARAMETER
MIN
MAX
UNIT
High-level input voltage
2
V
Low-level input voltage
0.8
V
Input current
–1
1
µA
logic inputs at ON
PARAMETER
MIN
MAX
UNIT
High-level input voltage
2
V
Low-level input voltage
0.8
V
Input current
–20
1
µA
‡ High and low level voltages are dependent on VCC (see Figure 17).
logic inputs at EN
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level output voltage
IO = –50 µA
OFF = 0
2.4
V
Low-level output voltage
IO = 3.2 mA, ON = 0
0.4
V
‡ High and low-level input voltages are dependent on VCC (see Figure 18).
logic outputs at ON
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
High-level output voltage
1-mA source current
2.4
V
Low-level output voltage
1-mA sink current
0.4
V
overtemperature shutdown
PARAMETER
MIN
TYP
MAX
UNIT
Temperature threshold
160
°C
Temperature hysteresis
10
°C


Similar Part No. - TPS9110IPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9111 TI1-TPS9111 Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9111IPW TI1-TPS9111IPW Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9111IPWLE TI1-TPS9111IPWLE Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9111IPWR TI1-TPS9111IPWR Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
More results

Similar Description - TPS9110IPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9111 TI1-TPS9111 Datasheet
386Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9104 TI1-TPS9104_05 Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9104 TI-TPS9104 Datasheet
557Kb / 33P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
logo
ON Semiconductor
MC33170 ONSEMI-MC33170 Datasheet
231Kb / 16P
   RF Amplifier Companion Chip for Dual-Band Cellular Subscriber Terminal
May, 2001 ??Rev. 1
logo
Maxim Integrated Produc...
MAX2251 MAXIM-MAX2251 Datasheet
193Kb / 10P
   2.8V, Single-Supply, Cellular-Band Linear Power Amplifier
Rev 2; 2/03
MAX2267 MAXIM-MAX2267 Datasheet
186Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1567; Rev 0; 1/00
MAX2264 MAXIM-MAX2264 Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
logo
Intersil Corporation
CD22204 INTERSIL-CD22204 Datasheet
44Kb / 5P
   5V Low Power Subscriber DTMF Receiver
February 1999
logo
List of Unclassifed Man...
75T204 ETC-75T204 Datasheet
63Kb / 9P
   5V Low-Power Subscriber DTMF Receiver
logo
Bourns Electronic Solut...
85122 BOURNS-85122 Datasheet
301Kb / 1P
   Subscriber Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com