Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1592 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA1592
Description  Encoder for CCD Color Camera
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1592 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA1592 Datasheet HTML 3Page - Sony Corporation CXA1592 Datasheet HTML 4Page - Sony Corporation CXA1592 Datasheet HTML 5Page - Sony Corporation CXA1592 Datasheet HTML 6Page - Sony Corporation CXA1592 Datasheet HTML 7Page - Sony Corporation CXA1592 Datasheet HTML 8Page - Sony Corporation CXA1592 Datasheet HTML 9Page - Sony Corporation CXA1592 Datasheet HTML 10Page - Sony Corporation CXA1592 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
– 7 –
CXA1592Q/R
Pin No.
Symbol
Pin voltage
Equivalent circuit
Description
27
SETUP LEVEL
Set up level control pin.
2.4V (0mV) to 5V (120mV)
28
FADER SIG
0V
Controls the signal suppress
level during Black Fader.
Controls the signal suppress
level during White Fader and
at the same time controls the
set up level.
Signal suppress control:
2V (100%) to 2.9V (0%)
Set up level control:
2V (0%) to 2.9V (100%)
Black Fader/White Fader
mode selection executed
through Fader Mode pin.
3.4V
30
Y LEVEL
Y signal level control pin.
1.6V (–3.5dB) to 5V (9dB)
31
SHP OUT
3V
Aperture signal output pin.
When not in use, connection
to VCC allows for 700µA of
current saving.
3.5V
3.5V
29
FADER MODE
Black Fader and White
Fader mode select pin.
Also conrols the final value
(100%) of White Fader white
level (set up level).
0V (Black Fader)
1.8V (100mV) to 5V (630mV)
(White Fader)
AVCC
AGND
80µA
140
1k
27
AVCC
AGND
20µA
140
1k
28
AVCC
AGND
40µA
140
1k
20µA
29
AVCC
AGND
80µA
140
1k
30
AVCC
AGND
600µA
200
140
31


Similar Part No. - CXA1592

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1594 SONY-CXA1594 Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
logo
List of Unclassifed Man...
CXA1594 ETC2-CXA1594 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
logo
List of Unclassifed Man...
CXA1594L ETC2-CXA1594L Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1594L-S SONY-CXA1594L-S Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
More results

Similar Description - CXA1592

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
   Color Encoder IC NTSC/PAL for CCD Video Camera
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
logo
Hitachi Semiconductor
KP-DE500 HITACHI-KP-DE500 Datasheet
81Kb / 9P
   EM-CCD Color Camera
logo
Sony Corporation
CXA1391Q SONY-CXA1391Q Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXD3172AR SONY-CXD3172AR Datasheet
636Kb / 25P
   Signal Processor LSI for Single CCD Color Camera
logo
ADTech
ADT7210 ADTECH-ADT7210 Datasheet
225Kb / 6P
   Multi-CH Power Supply IC for Color CCD Camera
logo
Sony Corporation
CXD3142R SONY-CXD3142R Datasheet
1Mb / 58P
   Signal Processor LSI for Single-Chip CCD Color Camera
CXD2163R SONY-CXD2163R Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
CXA1439M SONY-CXA1439M Datasheet
141Kb / 8P
   CDS FOR CCD CAMERA
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com