Electronic Components Datasheet Search |
|
CXA1597P Datasheet(PDF) 5 Page - Sony Corporation |
|
CXA1597P Datasheet(HTML) 5 Page - Sony Corporation |
5 / 22 page – 5 – CXA1597M/P Electrical Characteristics (Ta = 25°C, VCC = 7.0V, VEE = –7.0V) Recording equalizer amplifier reference output level (315Hz) (This output level is the tape reference 0dB which generates magnetic flux of 250nWb/m) All of the recording equalizer amplifier blocks use this level as their reference level. Input level when the reference output level is 315Hz, –3.0dBv (For measurement, input a 315Hz, –18.5dBv signal to the REC IN pins (Pins 4 and 13) and then measure the output level.) NORM-tape, NORM-speed mode Input a 3kHz signal (–20dB level down) to the REC IN pins and then measure the relative deviation from NORM-NS, 315Hz mode. NORM-tape, NORM-speed mode Input a 8kHz signal (–20dB level down) to the REC IN pins and then measure the relative deviation from NORM-NS, 315Hz mode. NORM-tape, NORM-speed mode Input a 12kHz signal (–20dB level down) to the REC IN pins and then measure the relative deviation from NORM-NS, 315Hz mode. CrO2-tape, NORM-speed mode Input a 3kHz signal (–20dB level down) to the REC IN pins and then measure the relative deviation from NORM-NS, 315Hz mode. CrO2-tape, NORM-speed mode Input a 8kHz signal (–20dB level down) to the REC IN pins and then measure the relative deviation from NORM-NS, 315Hz mode. CrO2-tape, NORM-speed mode Input a 12kHz signal (–20dB level down) from the reference to the REC IN pins and then measure the relative deviation from NORM-NS, 315Hz mode. METAL-tape, NORM-speed mode Input a 3kHz signal (–20dB level down) to the REC IN pins and then measure the relative deviation from NORM-NS, 315Hz mode. METAL-tape, NORM-speed mode Input a 8kHz signal (–20dB level down) to the REC IN pins and then measure the relative deviation from NORM-NS, 315Hz mode. 8.0 ±5.0 10.0 –20.0 –1.9 2.5 7.3 2.9 7.1 11.3 3.9 7.1 12.0 ±7.0 14.0 –3.0 –18.5 –0.4 4.5 10.3 4.4 9.1 14.3 5.4 9.1 16.0 ±8.0 16.0 –17.0 1.1 6.5 13.3 5.9 11.1 17.3 6.9 11.1 mA V V dBv dBv dB dB dB dB dB dB dB dB Current consumption (ICC) Operating voltage range 1 (positive/ negative dual power supplies) Operating voltage range 2 (single power supply) Recording equalizer amplifier Recording reference output level NORM-NORM mode Recording equalizer amplifier Recording reference input level NORM-NORM mode NORM-NORM mode REC-EQ frequency response 1 (3kHz, –20dB) NORM-NORM mode REC-EQ frequency response 2 (8kHz, –20dB) NORM-NORM mode REC-EQ frequency response 3 (12kHz, –20dB) CrO2-NORM mode REC-EQ frequency response 1 (3kHz, –20dB) CrO2-NORM mode REC-EQ frequency response 2 (8kHz, –20dB) CrO2-NORM mode REC-EQ frequency response 3 (12kHz, –20dB) METAL-NORM mode REC-EQ frequency response 1 (3kHz, –20dB) METAL-NORM mode REC-EQ frequency response 2 (8kHz, –20dB) Item Conditions Min. Typ. Max. Unit |
Similar Part No. - CXA1597P |
|
Similar Description - CXA1597P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |