Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2724ESB Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2724ESB
Description  DUAL EPAD짰 PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2724ESB Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2724ESB Datasheet HTML 1Page - Advanced Linear Devices ALD2724ESB Datasheet HTML 2Page - Advanced Linear Devices ALD2724ESB Datasheet HTML 3Page - Advanced Linear Devices ALD2724ESB Datasheet HTML 4Page - Advanced Linear Devices ALD2724ESB Datasheet HTML 5Page - Advanced Linear Devices ALD2724ESB Datasheet HTML 6Page - Advanced Linear Devices ALD2724ESB Datasheet HTML 7Page - Advanced Linear Devices ALD2724ESB Datasheet HTML 8Page - Advanced Linear Devices ALD2724ESB Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 2.1 ©2011 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The ALD2724E/ALD2724 is a dual monolithic operational amplifier with
MOSFET input that has rail-to-rail input and output voltage ranges. The
input voltage range and output voltage range are very close to the positive
and negative power supply voltages. Typically the input voltage can be
beyond positive power supply voltage V+ or the negative power supply
voltage V- by up to 300mV. The output voltage swings to within 60mV of
either positive or negative power supply voltages at rated load.
With high impedance load, the output voltage of the ALD2724E/ALD2724
approaches within 1mV of the power supply rails. This device is designed
as an alternative to the popular J-FET input operational amplifier in
applications where lower operating voltages, such as 9V battery or
±3.25V
to
±5V power supplies are being used. The ALD2724E/ALD2724 offers
high slew rate of 5.0V/
µs.
The rail-to-rail input and output feature of the ALD2724E/ALD2724
expands signal voltage range for a given operating supply voltage and
allows numerous analog serial stages to be implemented without losing
operating voltage margin. The output stage is designed to drive up to
10mA into 400pF capacitive and 1.5K
Ω resistive loads at unity gain and
up to 4000pF at a gain of 5. Short circuit protection to either ground or the
power supply rails is at approximately 15mA clamp current. Due to
complementary output stage design, the output can source and sink
10mA into a load with symmetrical drive and is ideally suited for applica-
tions where push-pull voltage drive is desired.
BENEFITS
• Ready-to-use off-the-shelf standard part
• Custom automated trimming optional
• Remote controlled automated trimming
• In-System Programming capability
• No external components
• No internal clocking noise source
• Simple and cost effective
• Small package size
• Extremely small total functional
volume size
• Low system implementation cost
APPLICATIONS
• Sensor interface circuits
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• Periodic In-system calibration
• System output level shifter
KEY FEATURES
Factory pre-trimmed VOS
•VOS=25µV @ IOS=0.01pA
5V/
µs slew rate
EPAD (Electrically Programmable Analog Device)
User programmable VOS trimmer
Rail-to-rail input/output
Compatible with standard EPAD Programmer
Each amplifier VOS can be trimmed to a different VOS level
High precision through in-system circuit precision trimming
Reduces or eliminates VOS, PSRR, CMRR and TCVOS errors
System level “calibration” capability
Low voltage operation
ORDERING INFORMATION
Operating Temperature Range
0
°C to +70°C0°C to +70°C
-55
°C to +125°C
14-Pin
14-Pin
14-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2724ESB
ALD2724EPB
ALD2724EDB
ALD2724SB
ALD2724PB
ALD2724DB
* Contact factory for high temperature versions.
eEPAD
TM
®
N
A
B
L
E
D
E
DUAL EPAD® PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
ALD2724E/ALD2724
ADVANCED
LINEAR
DEVICES, INC.
PIN CONFIGURATION
TOP VIEW
SB, PB, DB PACKAGES
* N/C Pins are internally connected. Do not connect externally.
VE 2A
VE 1A
OUT A
V+
OUT B
VE 1B
VE 2B
+IN A
N/C
V-
+IN B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
-IN A
N/C
-IN B


Similar Part No. - ALD2724ESB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2724ESB ALD-ALD2724ESB Datasheet
58Kb / 10P
   DUAL EPAD PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2724ESB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2724E ALD-ALD2724E Datasheet
58Kb / 10P
   DUAL EPAD PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-2548 INTERSIL-HA-2548 Datasheet
812Kb / 9P
   150MHz, High Slew Rate, Precision Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
BA4510F ROHM-BA4510F Datasheet
43Kb / 4P
   Dual high slew rate operational amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com