Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76333QDBVRG4Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76333QDBVRG4Q1
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76333QDBVRG4Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS76333QDBVRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS76333QDBVRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS76333QDBVRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS76333QDBVRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS76333QDBVRG4Q1 Datasheet HTML 9Page - Texas Instruments TPS76333QDBVRG4Q1 Datasheet HTML 10Page - Texas Instruments TPS76333QDBVRG4Q1 Datasheet HTML 11Page - Texas Instruments TPS76333QDBVRG4Q1 Datasheet HTML 12Page - Texas Instruments TPS76333QDBVRG4Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TPS76301Q1, TPS76316Q1, TPS76318Q1, TPS76325Q1, TPS76327Q1
TPS76328Q1, TPS76330Q1, TPS76333Q1, TPS76338Q1, TPS76350Q1
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SGLS247A − JUNE 2004 − REVISED JUNE 2008
www.ti.com
9
TYPICAL CHARACTERISTICS
Figure 9
0.1
0.1
1
1000
10
0.01
10
1
f − Frequency − kHz
100
OUTPUT IMPEDANCE
vs
FREQUENCY
CI = CO = 4.7 µF
ESR = 1
TJ = 25°C
IO = 150 mA
IO = 1 mA
Figure 10
TJ − Junction Temperature − °C
200
0
−35
5
300
100
−15
25
125
600
−55
45
65
400
500
VI = EN = 2.7 V
CI = CO = 4.7 µF
85
105
1 mA
150 mA
0 mA
TPS76325
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
Figure 11
10 M
1 M
100 k
10 k
1 k
100
f − Frequency − Hz
RIPPLE REJECTION
vs
FREQUENCY
70
60
50
40
30
20
10
0
−10
10
TPS76325
CO = 4.7 µF
ESR = 1
TJ = 25°C
IO = 150 mA
IO = 1 mA


Similar Part No. - TPS76333QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76333QDBVRG4Q1 TI1-TPS76333QDBVRG4Q1 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
More results

Similar Description - TPS76333QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com