Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4303ADB Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD4303ADB
Description  QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4303ADB Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD4303ADB Datasheet HTML 1Page - Advanced Linear Devices ALD4303ADB Datasheet HTML 2Page - Advanced Linear Devices ALD4303ADB Datasheet HTML 3Page - Advanced Linear Devices ALD4303ADB Datasheet HTML 4Page - Advanced Linear Devices ALD4303ADB Datasheet HTML 5Page - Advanced Linear Devices ALD4303ADB Datasheet HTML 6Page - Advanced Linear Devices ALD4303ADB Datasheet HTML 7Page - Advanced Linear Devices ALD4303ADB Datasheet HTML 8Page - Advanced Linear Devices ALD4303ADB Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303A/ALD4303
ADVANCED
LINEAR
DEVICES, INC.
APPLICATIONS
• Sensor detection circuits
• PCMCIA instruments
• MOSFET driver
• High source impedance voltage
comparison circuits
• Multiple limit window comparator
• Power supply voltage monitor
• Photodetector sensor circuit
• High speed LED driver
• Oscillators
• Battery operated instruments
• Remote signal detection
• Multiple relay drivers
FEATURES
• 3V, 5V and 10V supply
• Guaranteed to drive 200Ω loads
• Fanout of 30LS TTL loads
• Guaranteed maximum supply current of 22µA per comparator
• Industry standard pinout of LM393 type
• Extremely low input bias currents -- typically 10pA
• Virtually eliminates source impedance effects
• Single (+5V) and dual supply (±5V) operation
• CMOS, NMOS and TTL compatible
• Open drain wired-OR outputs
• Compatible with push-pull outputs
• High output sinking current -- typically 60mA
• Low supply current spikes
• High gain -- 100V/mV
GENERAL DESCRIPTION
The ALD4303A/ALD4303 is a precision monolithic high performance
quad voltage comparator with open drain output built with advanced
silicon gate CMOS technology. It features very high typical input
impedance of 1012Ω; low input bias current of 10pA; very low power
dissipation of 7.5µA per comparator; micropower operation; high
output drive and single (+5V) or dual (±5V) power supply operation.
The input voltage range includes ground, making this comparator
ideal for single supply low level signal detection with high source
impedance. The ALD4303A/ALD4303 can be used in connection with
other voltage comparator circuits such as the ALD2301, ALD2302,
and ALD4302 voltage comparators. The outputs can be connected to
a higher external voltage than V+ and used in a wired-OR connection
with other open drain circuits such as the ALD2301 and ALD2303.
They can also be used with push-pull output types such as the
ALD2302 and ALD4302 voltage comparators simultaneously with
open drain comparators using a common V+. The ALD4303A/ALD4303
is ideal for a great variety of voltage comparator applications, espe-
cially micropower detection circuits requiring very low input currents,
high output currents and low standby power.
Operating Temperature Range *
0°C to +70°C0°C to +70°C
-55°C to +125°C
14-Pin
14-Pin
14-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD4303ASBL
ALD4303APBL
ALD4303ADB
ALD4303SBL
ALD4303PBL
ALD4303DB
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix for lead free version)
BLOCK DIAGRAM
V+
(3)
INVERTING INPUT
- IN 1 (4)
NONINVERTING INPUT
+ IN 1 (5)
NONINVERTING INPUT
+ IN 2 (7)
INVERTING INPUT
- IN 2 (6)
NONINVERTING INPUT
+ IN 3 (9)
INVERTING INPUT
- IN 3 (8)
INVERTING INPUT
- IN 4 (10)
(12)
NONINVERTING INPUT
+ IN 4 (11)
-
+
-
+
-
+
-
+
(2) OUT 1
(1) OUT 2
(14) OUT 3
(13) OUT 4
PIN CONFIGURATION
+IN 1
-IN 2
+IN 2
03
04
GND
-IN 4
+IN 3
-IN 3
02
01
-IN 1
+IN 4
1
14
V+
2
3
13
12
11
10
9
8
4
5
6
7
SBL, PBL, DB PACKAGES


Similar Part No. - ALD4303ADB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4303ADB ALD-ALD4303ADB Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results

Similar Description - ALD4303ADB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4301 ALD-ALD4301 Datasheet
82Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com