Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4702B Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD4702B
Description  QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4702B Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD4702B Datasheet HTML 1Page - Advanced Linear Devices ALD4702B Datasheet HTML 2Page - Advanced Linear Devices ALD4702B Datasheet HTML 3Page - Advanced Linear Devices ALD4702B Datasheet HTML 4Page - Advanced Linear Devices ALD4702B Datasheet HTML 5Page - Advanced Linear Devices ALD4702B Datasheet HTML 6Page - Advanced Linear Devices ALD4702B Datasheet HTML 7Page - Advanced Linear Devices ALD4702B Datasheet HTML 8Page - Advanced Linear Devices ALD4702B Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD4702A/ALD4702B
Advanced Linear Devices
3 of 9
ALD4702
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25°C VS = ±5.0V unless otherwise specified
4702A
4702B
4702
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Power Supply
PSRR
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
250
250
250
V/mV
RL = 10KΩ
Voltage Gain
Output Voltage
VO low
-4.90
-4.8
-4.90
-4.8
-4.90
-4.8
V
RL = 10KΩ
Range
VO high
4.8
4.93
4.8
4.93
4.8
4.93
Bandwidth
BW
1.7
1.7
1.7
MHZ
Slew Rate
SR
2.8
2.8
2.8
V/µsAV =+1
CL =50pF
Input Offset
VOS
2.0
4.0
7.0
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
8.0
8.0
8.0
nA
Current
Input Bias
IB
10.0
10.0
10.0
nA
Current
Power Supply
PSRR
60
75
60
75
60
75
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
10
25
10
25
7
25
V/mV
RL ≤ 10KΩ
Voltage Gain
Output Voltage
VO low
0.1
0.2
0.1
0.2
0.1
0.2
V
RL ≤ 10KΩ
Range
VO high
4.8
4.9
4.8
4.9
4.8
4.9
VS = +5.0V -55°C TA +125°C unless otherwise specified
4702ADA
4702BDA
4702DA
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Maximum Load
CL
400
400
400
pF
Gain = 1
Capacitance
4000
4000
4000
pF
Gain = 5
Input Noise
en
26
26
26
nV/√HZ
f = 1KHZ
Voltage
Input Current
in
0.6
0.6
0.6
fA/√HZ
f = 10HZ
Noise
Settling
ts
8.0
8.0
8.0
µs
0.01%
Time
3.0
3.0
3.0
µs
0.1% AV = -1
RL = 5KΩ CL = 50pF
TA = 25°C VS = ±2.5V unless otherwise specified
4702A
4702B
4702
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions


Similar Part No. - ALD4702B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4702B ALD-ALD4702B Datasheet
59Kb / 6P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702B ALD-ALD4702B Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702BDB ALD-ALD4702BDB Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702BPBL ALD-ALD4702BPBL Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702BSBL ALD-ALD4702BSBL Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results

Similar Description - ALD4702B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
   DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
   DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
   Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
[Old version datasheet]   Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
   Quad Rail-to-Rail I/O Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com