Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK2125LM152 Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK2125LM152
Description  MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK2125LM152 Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button BK2125LM152 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc BK2125LM152 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc BK2125LM152 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BK2125LM152 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BK2125LM152 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BK2125LM152 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BK2125LM152 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BK2125LM152 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc BK2125LM152 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
130
12
mlci07_e-01
ELECTRICAL CHARACTERISTICS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HS121
BK0402 HÇl750
Çy
Çq
Çw
300
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HM750
300
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HM121
100
80
60
40
20
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HS100
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HS700
BK0402
R
X
Z
100
10000
1000
10
1
250
200
150
100
50
100
80
60
40
20
0
100
10000
1000
10
1
Frequency [MHz]
BK0603 HS220
BK0603 HS330
100
80
60
40
20
100
10
1
1000
10000
Frequency[MHz]
R
X
0
Z
R
X
Z
100
10000
1000
10
1
250
200
150
100
50
BK0603
100
10000
1000
10
1
250
200
150
100
50
100
10000
1000
10
1
250
200
150
100
50
100
10000
1000
10
1
BK0603 HS601
1000
800
600
400
200
0
Frequency[MHz]
100
10000
1000
10
1
Z
R
X
BK0603 LL220
Frequency[MHz]
250
200
150
100
50
0
100
10000
1000
10
1
Z
BK0603 LL100
Frequency[MHz]
250
200
150
100
50
0
100
10000
1000
10
1
Z
R
X
BK0603 HM241
500
400
300
200
100
0
Frequency[MHz]
100
10000
1000
10
1
Z
X
R
BK0603 HM471
Frequency[MHz]
1000
800
600
400
200
0
100
10000
1000
10
1
Z
R
BK0603 HM601
1000
800
600
400
200
0
Z
R
BK0603 LL330
Frequency[MHz]
500
400
300
200
100
0
100
10000
1000
10
1
X
Z
BK0603 LL470
500
400
300
200
100
0
100
10
1
1000
10000
Frequency[MHz]
R
X
Z
BK0603 LL560
500
400
300
200
100
0
100
10
1
1000
10000
Frequency[MHz]
Z
R
X
BK0603 LL800
1000
800
600
400
200
0
100
10
1
1000
10000
Frequency[MHz]
Z
R
X
BK0603 LL121
1000
800
600
400
200
0
100
10
1
1000
10000
Frequency[MHz]
Z
BK1005 HW680
Frequency[MHz]
250
200
150
100
50
0
100
10
1
1000
10000
R
X
Z
BK1005


Similar Part No. - BK2125LM152

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK2125LM152-T TAIYO-YUDEN-BK2125LM152-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK2125LM152-T TAIYO-YUDEN-BK2125LM152-T Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors (BK series)
BK2125LM152-TV TAIYO-YUDEN-BK2125LM152-TV Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors for Automotive
BK2125LM152-T TAIYO-YUDEN-BK2125LM152-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors (BK series)
More results

Similar Description - BK2125LM152

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1005HM471-T TAIYO-YUDEN-BK1005HM471-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com