Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A23157-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A23157-Q1
Description  DUAL 15-W SPDT ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23157-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5A23157-Q1 Datasheet HTML 2Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 3Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 4Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 5Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 6Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 7Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 8Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 9Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
TS5A23157-Q1
DUAL 15-
Ω SPDT ANALOG SWITCH
SCDS252 – JULY 2007
V+ = 2.3 V to 2.7 V, TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO, VNC
0
≤ V
NO or VNC ≤ V+,
Switch ON,
ON-state resistance
ron
Full
2.3 V
50
ICOM = –8 mA,
See Figure 6
ON-state resistance
VNO or VNC = 1.6 V,
Switch ON,
match
Δron
25
°C
2.3 V
0.5
ICOM = –8 mA,
See Figure 6
between channels
ON-state resistance
0
≤ V
NO or VNC ≤ V+,
Switch ON,
ron(flat)
25
°C
2.3 V
27
flatness
ICOM = –8 mA,
See Figure 6
25
°C
–1
0.05
1
NC, NO
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
2.7 V
μA
OFF leakage current
INO(OFF)
VCOM = 0 to V+,
See Figure 7
Full
–1
1
25
°C
–0.1
0.1
NC, NO
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
2.7 V
μA
ON leakage current
INO(ON)
VCOM = Open,
See Figure 7
Full
–1
1
25
°C
–0.1
0.1
COM
VNC or VNO = Open,
Switch ON,
ICOM(ON)
2.7 V
μA
ON leakage current
VCOM = 0 to V+,
See Figure 7
Full
–1
1
Digital Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
V+ × 0.7
V
Input logic low
VIL
Full
V+ × 0.3
V
25
°C
–1
0.05
1
Input leakage
IIH, IIL
VIN = 5.5 V or 0
2.7 V
μA
current
Full
–1
1
Dynamic
VNC = GND and VNO = V+,
RL = 500 Ω,
2.3 V
Turn-on time
tON
or
CL = 50 pF,
Full
to
2.5
17
ns
VNC = V+ and VNO = GND,
See Figure 9
2.7 V
VNC = GND and VNO = V+,
RL = 500 Ω,
2.3 V
Turn-off time
tOFF
or
CL = 50 pF,
Full
to
1.5
10.5
ns
VNC = V+ and VNO = GND,
See Figure 9
2.7 V
2.3 V
Break-before-make
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
25
°C
to
0.5
ns
time
RL = 50 Ω,
See Figure 10
2.7 V
Switch ON,
Bandwidth
BW
RL = 50 Ω,
25
°C
2.3 V
220
MHz
See Figure 11
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
2.3 V
–65
dB
f = 10 MHz,
See Figure 12
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
2.3 V
–66
dB
f = 10 MHz,
See Figure 13
f = 600 Hz to
Total harmonic
RL = 600 Ω,
THD
20 kHz,
25
°C
2.3 V
0.025
%
distortion
CL = 50 pF,
See Figure 15
Supply
25
°C
1
Positive supply
Switch ON or
I+
VIN = V+ or GND,
2.7 V
μA
current
OFF
Full
10
Change in
ΔI+
VIN = V+ – 0.6 V
Full
2.7 V
500
μA
supply current
(1)
TA = 25°C
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6
Submit Documentation Feedback


Similar Part No. - TS5A23157-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

Similar Description - TS5A23157-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com