Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4706BSBL Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD4706BSBL
Description  DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4706BSBL Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD4706BSBL Datasheet HTML 1Page - Advanced Linear Devices ALD4706BSBL Datasheet HTML 2Page - Advanced Linear Devices ALD4706BSBL Datasheet HTML 3Page - Advanced Linear Devices ALD4706BSBL Datasheet HTML 4Page - Advanced Linear Devices ALD4706BSBL Datasheet HTML 5Page - Advanced Linear Devices ALD4706BSBL Datasheet HTML 6Page - Advanced Linear Devices ALD4706BSBL Datasheet HTML 7Page - Advanced Linear Devices ALD4706BSBL Datasheet HTML 8Page - Advanced Linear Devices ALD4706BSBL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ALD4706A/ALD4706B
Advanced Linear Devices
4 of 9
ALD4706
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
1000
100
10
0.1
1.0
100
-25
0
75
125
50
25
-50
10000
VS = ±2.5V
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±7
±6
±5
±4
±3
±2
±1
0
0
±1
±2
±3
±4
±5
±6
±7
TA = 25°C
at room temperature. This low input bias current assures that the
analog signal from the source will not be distorted by input bias
currents. Normally, this extremely high input impedance of greater
than 1013Ω would not be a problem as the source impedance would
limit the node impedance. However, for applications where source
impedance is very high, it may be necessary to limit noise and hum
pickup through proper shielding.
4. The output stage consists of class AB complementary output drivers,
capable of driving a low resistance load. The output voltage swing is
limited by the drain to source on-resistance of the output transistors
as determined by the bias circuitry, and the value of the load resistor.
When connected in the voltage follower configuration, the oscillation
resistant feature, combined with the rail to rail input and output feature,
makes an effective analog signal buffer for medium to high source
impedance sensors, transducers, and other circuit networks.
5. The ALD4706A/ALD4706B/ALD4706 operational amplifier has been
designed to provide full static discharge protection. Internally, the
design has been carefully implemented to minimize latch up.
However, care must be exercised when handling the device to avoid
strong static fields that may degrade a diode junction, causing
increased input leakage currents. In using the operational amplifier,
the user is advised to power up the circuit before, or simultaneously
with, any input voltages applied and to limit input voltages to not
exceed 0.3V of the power supply voltage levels.
6. The ALD4706A/ALD4706B/ALD4706, with its ultra micropower
operation, offers numerous benefits in reduced power supply
requirements, less noise coupling and current spikes, less thermally
induced drift, better overall reliability due to lower self heating, and
lower input bias current. It requires practically no warm up time as
the chip junction heats up to only 0.1°C above ambient temperature
under most operating conditions.
Design & Operating Notes:
1. The ALD4706A/ALD4706B/ALD4706 CMOS operational amplifier
uses a 3 gain stage architecture and an improved frequency
compensation scheme to achieve large voltage gain, high output
driving capability, and better frequency stability. In a conventional
CMOS operational amplifier design, compensation is achieved with
a pole splitting capacitor together with a nulling resistor. This method
is, however, very bias dependent and thus cannot accommodate the
large range of supply voltage operation as is required from a stand
alone CMOS operational amplifier. The ALD4706A/ALD4706B/
ALD4706 is internally compensated for unity gain stability using a
novel scheme that does not use a nulling resistor. This scheme
produces a clean single pole roll off in the gain characteristics while
providing for more than 70 degrees of phase margin at the unity gain
frequency.
2. The ALD4706A/ALD4706B/ALD4706 has complementary p-channel
and n-channel input differential stages connected in parallel to
accomplish rail to rail input common mode voltage range. This means
that with the ranges of common mode input voltage close to the power
supplies, one of the two differential stages is switched off internally.
To maintain compatibility with other operational amplifiers, this
switching point has been selected to be about 1.5V below the positive
supply voltage. Since offset voltage trimming on the ALD4706A/
ALD4706B/ALD4706 is made when the input voltage is symmetrical
to the supply voltages, this internal switching does not affect a large
variety of applications such as an inverting amplifier or non-inverting
amplifier with a gain larger than 2.5 (5V operation), where the common
mode voltage does not make excursions above this switching point.
The user should however, be aware that this switching does take
place if the operational amplifier is connected as a unity gain buffer
and should make provision in his design to allow for input offset voltage
variations.
3.
The input bias and offset currents are essentially input protection
diode reverse bias leakage currents, and are typically less than 0.1pA
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
320
160
240
0
80
0
±1
±2
±3
±4
±5
±6
TA = -55°C
+25°C
+70°C
+125°C
INPUTS GROUNDED
OUTPUT UNLOADED
-25°C
OPEN LOOP VOLTAGE GAIN AS A
FUNCTION OF LOAD RESISTANCE
10M
LOAD RESISTANCE (Ω)
10K
100K
1M
1000
100
10
1
VS = ±2.5V
TA = 25°C


Similar Part No. - ALD4706BSBL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4706B ALD-ALD4706B Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD4706BSBL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A Datasheet
44Kb / 6P
   ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A_10 Datasheet
82Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1706A ADL-ALD1706A Datasheet
77Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com