Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2843AQD8RG4Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC2843AQD8RG4Q1
Description  CURRENT-MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2843AQD8RG4Q1 Datasheet(HTML) 2 Page - Texas Instruments

  UC2843AQD8RG4Q1 Datasheet HTML 1Page - Texas Instruments UC2843AQD8RG4Q1 Datasheet HTML 2Page - Texas Instruments UC2843AQD8RG4Q1 Datasheet HTML 3Page - Texas Instruments UC2843AQD8RG4Q1 Datasheet HTML 4Page - Texas Instruments UC2843AQD8RG4Q1 Datasheet HTML 5Page - Texas Instruments UC2843AQD8RG4Q1 Datasheet HTML 6Page - Texas Instruments UC2843AQD8RG4Q1 Datasheet HTML 7Page - Texas Instruments UC2843AQD8RG4Q1 Datasheet HTML 8Page - Texas Instruments UC2843AQD8RG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Current
Sense
Comparator
PWM
Latch
GND
Output
V
C
V
5 V
50 mA
REF
V
CC
GND
R /C
T
T
V
FB
COMP
I
SENSE
Internal
Bias
S/R
5-V
REF
V
Good
Logic
REF
UVLO
34 V
2.5 V
Osc
Error
Amp
S
R
2R
R
1 V
7
5
4
2
1
3
5
6
7
8
ABSOLUTE MAXIMUM RATINGS
(1) (2)
UC2843A-Q1
SGLS384 – MAY 2008........................................................................................................................................................................................................ www.ti.com
FUNCTIONAL BLOCK DIAGRAM
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC voltage (low impedance source)
30
V
VCC voltage (ICC mA)
Self limiting
IO
Output current
±1
A
Output energy (capacitive load)
5
µJ
Analog inputs (pins 3 and 5)
–0.3 to 6.3
V
Error amplifier output sink current
10
mA
Power dissipation at TA < 25°C (14-pin D package)
1
W
θ
JA
Package thermal impedance(3)
97
°C/W
Tstg
Storage temperature range
–65 to 150
°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Unless otherwise indicated, voltages are reference to ground, and currents are positive into and negative out of the specified terminals.
(3)
Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UC2843A-Q1


Similar Part No. - UC2843AQD8RG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2843AQD8RG4 TI1-UC2843AQD8RG4 Datasheet
1Mb / 19P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UC2843AQD8RG4Q1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com