Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD114904SAL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD114904SAL
Description  QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD114904SAL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD114904SAL Datasheet HTML 1Page - Advanced Linear Devices ALD114904SAL Datasheet HTML 2Page - Advanced Linear Devices ALD114904SAL Datasheet HTML 3Page - Advanced Linear Devices ALD114904SAL Datasheet HTML 4Page - Advanced Linear Devices ALD114904SAL Datasheet HTML 5Page - Advanced Linear Devices ALD114904SAL Datasheet HTML 6Page - Advanced Linear Devices ALD114904SAL Datasheet HTML 7Page - Advanced Linear Devices ALD114904SAL Datasheet HTML 8Page - Advanced Linear Devices ALD114904SAL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 2.1 ©2012 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
SCL, PCL PACKAGES
SAL, PAL PACKAGES
PIN CONFIGURATIONS
*IC pins are internally connected,
connect to V-
eEPAD
TM
®
N
A
B
L
E
D
E
ADVANCED
LINEAR
DEVICES, INC.
ALD114804/ALD114804A/ALD114904/ALD114904A
GENERAL DESCRIPTION
ALD114804/ALD114804A/ALD114904/ALD114904A are high precision monolithic
quad/dual depletion mode N-Channel MOSFETS matched at the factory using
ALD’s proven EPAD® CMOS technology. These devices are intended for low
voltage, small signal applications. They are excellent functional replacements for
normally-closed relay applications, as they are normally on (conducting) without
any power applied, but could be turned off or modulated when system power
supply is turned on. These MOSFETS have the unique characteristics of, when
the gate is grounded, operating in the resistance mode for low drain voltage lev-
els and in the current source mode for higher voltage levels and providing a
constant drain current.
ALD114804/ALD114804A/ALD114904/ALD114904A MOSFETS are designed for
exceptional device electrical characteristics matching. As these devices are on
the same monolithic chip, they also exhibit excellent temperature tracking char-
acteristics. They are versatile as design components for a broad range of analog
applications, such as basic building blocks for current sources, differential ampli-
fier input stages, transmission gates, and multiplexer applications.
Besides matched pair electrical characteristics, each individual MOSFET also
exhibits well controlled parameters, enabling the user to depend on tight design
limits corresponding to well matched characteristics.
These depletion mode devices are built for minimum offset voltage and differen-
tial thermal response, and they are suitable for switching and amplifying applica-
tions in single supply (0.4V to + 5V ) or dual supply (+/- 0.4V to +/-5V) systems
where low input bias current, low input capacitance and fast switching speed are
desired. These devices exhibit well controlled turn-off and sub-threshold
charactersitics and therefore can be used in designs that depend on sub-thresh-
old characteristics.
The ALD114804/ALD114804A/ALD114904/ALD114904A are suitable for use in
precision applications which require very high current gain, beta, such as current
mirrors and current sources. A sample calculation of the DC current gain at a
drain current of 3mA and gate input leakage current of 30pA = 100,000,000. It is
recommended that the user, for most applications, connect the V+ pin to the
most positive voltage and the V- and IC pins to the most negative voltage in the
system. All other pins must have voltages within these voltage limits at all times.
• Depletion mode (normally ON)
• Precision Gate Threshold Voltages: -0.40V +/- 0.02V
• Nominal RDS(ON) @VGS=0.0V of 5.4KΩ
• Matched MOSFET to MOSFET characteristics
• Tight lot to lot parametric control
• Low input capacitance
• VGS(th) match (VOS) — 20mV
• High input impedance — 10
12
Ω typical
• Positive, zero, and negative VGS(th) temperature coefficient
• DC current gain >10
8
• Low input and output leakage currents
FEATURES
APPLICATIONS
• Functional replacement of Form B (NC) relays
• Ultra low power (nanowatt) analog and digital
circuits
• Ultra low operating voltage (<0.2V) analog and
digital circuits
• Sub-threshold biased and operated circuits
• Zero power fail safe circuits in alarm systems
• Backup battery circuits
• Power failure and fail safe detector
• Source followers and high impedance buffers
• Precision current mirrors and current sources
• Capacitives probes and sensor interfaces
• Charge detectors and charge integrators
• Differential amplifier input stage
• High side switches
• Peak detectors and level shifters
• Sample and Hold
• Current multipliers
• Discrete analog switches and multiplexers
• Discrete voltage comparators
* Contact factory for industrial temp. range or user-specified threshold voltage values
Operating Temperature Range*
0
°C to +70°C0°C to +70°C
16-Pin
16-Pin
8-Pin
8-Pin
SOIC
Plastic Dip
SOIC
Plastic Dip
Package
Package
Package
Package
ALD114804ASCL ALD114804APCL ALD114904ASAL ALD114904APAL
ALD114804SCL
ALD114804PCL
ALD114904SAL
ALD114904PAL
VGS(th)= -0.40V
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD®
PRECISION MATCHED PAIR MOSFET ARRAY
ALD114804
ALD114904
IC*
1
2
3
14
15
16
4
13
5
12
IC*
6
7
8
10
11
GN1
DN1
IC*
DN4
IC*
GN4
9
GN3
DN3
DN2
GN2
V+
S34
S12
V-
V+
V-
M 4
M 3
M 1
M 2
V-
V-
V-
V-
V-
GN1
DN1
S12
DN2
GN2
1
2
3
6
7
8
4
5
M 1
M 2
V-
V-
V-
IC*
IC*
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))


Similar Part No. - ALD114904SAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD114904SAL ALD-ALD114904SAL Datasheet
112Kb / 12P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD
ALD114904SAL ALD-ALD114904SAL Datasheet
112Kb / 12P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2016
More results

Similar Description - ALD114904SAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD114835 ALD-ALD114835 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114813 ALD-ALD114813_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804 Datasheet
422Kb / 2P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
   QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD114813 ALD-ALD114813 Datasheet
422Kb / 2P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAYS
ALD110802 ALD-ALD110802_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110814 ALD-ALD110814_12 Datasheet
107Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114804A ALD-ALD114804A Datasheet
112Kb / 12P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com