Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1645M Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA1645M
Description  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1645M Datasheet(HTML) 3 Page - Sony Corporation

  CXA1645M Datasheet HTML 1Page - Sony Corporation CXA1645M Datasheet HTML 2Page - Sony Corporation CXA1645M Datasheet HTML 3Page - Sony Corporation CXA1645M Datasheet HTML 4Page - Sony Corporation CXA1645M Datasheet HTML 5Page - Sony Corporation CXA1645M Datasheet HTML 6Page - Sony Corporation CXA1645M Datasheet HTML 7Page - Sony Corporation CXA1645M Datasheet HTML 8Page - Sony Corporation CXA1645M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
– 3 –
CXA1645P/M
Pin
No.
Symbol
Pin voltage
9
YCLPC
2.5V
10
SYNC
IN
12
VCC1
5.0V∗
13
IREF
2.0V
14
VREF
4.0V
2.2V
Equivalent circuit
Description
Pin to determine the Y signal clamp time
constant.
Connect to GND via a 0.1µF capacitor.
Power supply for all circuits other than RGB,
composite video and Y/C output circuits.
Refer to Notes on Operation. Nos. 4 and 10.
Pin to determine the internal reference
current.
Connect to GND via a 47k
Ω resistor.
Internal reference voltage.
Connect a decoupling capacitor of
approximately 10µF.
Refer to Notes on Operation, Nos. 4 and 7.
Composite sync signal input. Input TTL-
level voltages.
L (
≤ 0.8V): SYNC period
H (
≥ 2.0V)
1.6V
GND1
VCC1
9
129
GND1
VCC1
2.2V
4k
40k
10
GND1
VCC1
50µ
129
13
GND1
VCC1
14


Similar Part No. - CXA1645M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1642 SONY-CXA1642 Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1642M SONY-CXA1642M Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1644 SONY-CXA1644 Datasheet
222Kb / 11P
   ECHO EFFECT GENERATOR
CXA1644P SONY-CXA1644P Datasheet
222Kb / 11P
   ECHO EFFECT GENERATOR
More results

Similar Description - CXA1645M

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1268 MITSUMI-MM1268 Datasheet
193Kb / 7P
   RGB Encoder
logo
List of Unclassifed Man...
ES71145 ETC-ES71145 Datasheet
113Kb / 7P
   RGB ENCODER
logo
Fujitsu Component Limit...
MB3516A FUJITSU-MB3516A Datasheet
126Kb / 13P
   RGB Encoder
logo
Sony Corporation
CXA1145P SONY-CXA1145P Datasheet
315Kb / 12P
   RGB Encoder
logo
Samsung semiconductor
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
KA2197D SAMSUNG-KA2197D Datasheet
55Kb / 5P
   RGB ENCODER FOR NTSC
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com