Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS07M Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RS07M
Description  SURFACE MOUNT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RS07M Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  RS07M Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd RS07M Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100V-1000v
0.7A
RS07B THRU RS07M
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• High temperature soldering: 260 °C/ 10 s
at terminals
• Wave and reflow solderable
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Case: DO-219AB (SMF)
Polarity: band denotes cathode end
Weight: approx. 15 mg
RS07D RS07G RS07J RS07K RS07M
RD
RG
RJ
RK
RM
VRRM
200
400
600
800
1000
V
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
RjθA
K/W
trr
250
ns
Tj
TSTG
NOTES:1.Averaged over any 20 ms period.
2. Thermal resistance junction to ambient, 6.0 mm
2 coppeer pads to each terminal.
3.Measured with IF=0.5A, IR=1A, Irr=0.25A.
UNITS
RB
70
100
- 55 --- + 150
100
A
I(AV)
A
0.7
20
RS07B
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Typical thermal resistance
(NOTE 2)
Operating temperature range
Storage temperature range
on rated load
TL=25℃
180
Maximum average forword
rectified current
TA=65℃
(NOTE 1)
Peak forward surge current 8.3ms single
half-sine-wave superimposed
IFSM
- 55 --- + 150
Maximum reverse recovery time (NOTE 3)
150
500
Device marking code
Ratings at 25℃ ambient temperature unless otherwise specified.
Single hase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
SURFACE MOUNT RECTIFIER
SOD-123FL


Similar Part No. - RS07M

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
RS07M BILIN-RS07M Datasheet
110Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
RS07M LUGUANG-RS07M Datasheet
289Kb / 3P
   Surface Mount Rectifiers
logo
Gaomi Xinghe Electronic...
RS07M GXELECTRONICS-RS07M Datasheet
561Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
RS07M CHENDA-RS07M Datasheet
612Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Bruckewell Technology L...
RS07M BWTECH-RS07M Datasheet
341Kb / 4P
   Surface Mount Fast Rectifiers
More results

Similar Description - RS07M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com