Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD4006 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SOD4006
Description  SURFACE MOUNT GENERAL RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SOD4006 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SOD4006 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SOD4006 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD4001 THRU SOD4007
50V-1000V
1.0A
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123FL
● Plastic package has Underwriters Laboratory
● Flammability classification 94V-0 Utilizing Fame
● Retardant Epoxy Molding Compound
● For surface mount applications
● Low leakage current.
Case:JEDEC SOD-123FL,molded plastic over
passivated chip
Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.006 ounces, 0.02 gram
Mounting position: Any
SURFACE MOUNT GENERAL RECTIFIER
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
SOD
SOD
SOD
SOD
SOD
SOD
4002
4003
4004
4005
4006
4007
D2
D3
D4
D5
D6
D7
VRRM
100
200
400
600
800
1000
V
VRMS
70
140
280
420
560
700
V
VDC
100
200
400
600
800
1000
V
RθJL
℃/W
Tj
TSTG
NOTE1.Pulse test: pulse width 300
µsec,duty cycle 2%.
µA
measured at f=1MHZ,VR=4.0V
CJ
15
p F
IR
5.0
50
Typical thermal resistance junction to lead
20
Maximum instantaneous
forward voltage @IFM=1.0A (Note 1)
VF
1.1
4001
D1
UNITS
Device marking code
50
A
I(AV)
A
35
50
- 55 --- + 150
IFSM
- 55 --- + 150
1.0
25
SOD
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forword
rectified current @TA=75℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
Maximum DC reverse current @TA=25℃
at rated DC blocking voltage @TA=125℃
Operating temperature range
Storage temperature range
on rated load
Typical junction capacitance
V


Similar Part No. - SOD4006

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SOD4006 MCC-SOD4006 Datasheet
101Kb / 3P
   1 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
SHIKUES Electronics
SOD4006 SKTECHNOLGY-SOD4006 Datasheet
415Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Galaxy Semi-Conductor H...
SOD4006 BILIN-SOD4006 Datasheet
230Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
First Silicon Co., Ltd
SOD4006 FS-SOD4006 Datasheet
122Kb / 2P
   SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
SOD4006 DIOTECH-SOD4006 Datasheet
749Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - SOD4006

ManufacturerPart #DatasheetDescription
logo
Formosa MS
M1 FORMOSA-M1 Datasheet
118Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S6A FORMOSA-S6A Datasheet
119Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
GS1A SEMTECH_ELEC-GS1A Datasheet
160Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
   Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
   Surface Mount General Rectifier
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Yea Shin Technology Co....
M1-L YEASHIN-M1-L Datasheet
713Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Electronics ...
S3A CHENDA-S3A Datasheet
551Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com