Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF07J Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # UF07J
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

UF07J Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  UF07J Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd UF07J Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
UF07A THRU UF07M
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
50V -1000V
0.7A
UF07A THRU UF07M
HIGH EFFICIENCY RECTIFIERS
0
0.01
0.1
1.0
10
100
TJ=25
Pulse Width=300
µS
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8
2
UF07A-UF07D
UF07J-UF07M
UF07G
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
12
4
6 8 10
20
40
60 80 100
25
20
15
10
5
0
8.3ms Single Half Sine-Wave
(JEDED Method)
FIG. 1 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE,
DERATING CURVE
1.0
.8
.6
.4
.2
0
0
25
50
75 100
125 150 175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, V
T J = 100
TJ = 25
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
0
20
40
60
80
100
120
140
.1
.5
1
5
100
10
50


Similar Part No. - UF07J

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
UF07J LUGUANG-UF07J Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07J CHENDA-UF07J Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
UF07J DGNJDZ-UF07J Datasheet
2Mb / 3P
   1 Amp Ultra Fast Recovery
logo
Diode Semiconductor Kor...
UF07J DSK-UF07J Datasheet
266Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
SUNMATE electronic Co.,...
UF07J SUNMATE-UF07J Datasheet
322Kb / 2P
   SUFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
More results

Similar Description - UF07J

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com