Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC573D-Q100 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC573D-Q100
Description  Octal D-type transparent latch; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC573D-Q100 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC573D-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC573D-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC573D-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC573D-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC573D-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC573D-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC573D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC573D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC573D-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74HC_HCT573_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 16 August 2012
4 of 19
NXP Semiconductors
74HC573-Q100; 74HCT573-Q100
Octal D-type transparent latch; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It cannot be used as
supply pin or input
Fig 5.
Pin configuration SO20 and TSSOP20
Fig 6.
Pin configuration DHVQFN20
aaa-003603
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
GND
LE
74HC573-Q100
74HCT573-Q100
aaa-003604
Transparent top view
Q7
D6
D7
Q6
D5
Q5
D4
Q4
D3
Q3
D2
Q2
D1
Q1
D0
GND(1)
Q0
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
74HC573-Q100
74HCT573-Q100
Table 2.
Pin description
Symbol
Pin
Description
OE
1
3-state output enable input (active LOW)
D[0:7]
2, 3, 4, 5, 6, 7, 8, 9
data input
GND
10
ground (0 V)
LE
11
latch enable input (active HIGH)
Q[0:7]
19, 18, 17, 16, 15, 14, 13, 12 3-state latch output
VCC
20
supply voltage


Similar Part No. - 74HC573D-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC573D-Q100 NEXPERIA-74HC573D-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results

Similar Description - 74HC573D-Q100

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com