Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G17GV-Q100 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2G17GV-Q100
Description  Dual non-inverting Schmitt trigger with 5 V tolerant input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G17GV-Q100 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2G17GV-Q100 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVC2G17_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 7 August 2012
2 of 16
NXP Semiconductors
74LVC2G17-Q100
Dual non-inverting Schmitt trigger with 5 V tolerant input
4.
Ordering information
5.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G17GW-Q100
40 C to +125 C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC2G17GV-Q100
40 C to +125 C
TSOP6
plastic surface-mounted package (TSOP6); 6 leads SOT457
Table 2.
Marking codes
Type number
Marking code[1]
74LVC2G17GW-Q100
VV
74LVC2G17GV-Q100
VV
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mnb066
1A
1Y
16
2A
2Y
34
6
1
4
3
mnb067
Fig 3.
Logic diagram
mnb068
1A
1Y
2A
2Y


Similar Part No. - 74LVC2G17GV-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G17GV-Q100 NEXPERIA-74LVC2G17GV-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
More results

Similar Description - 74LVC2G17GV-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
   Dual inverting Schmitt trigger with 5 V tolerant input
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com