Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G17GV-Q100 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC2G17GV-Q100
Description  Dual non-inverting Schmitt trigger with 5 V tolerant input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G17GV-Q100 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC2G17GV-Q100 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G17GV-Q100 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74LVC2G17_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 7 August 2012
10 of 16
NXP Semiconductors
74LVC2G17-Q100
Dual non-inverting Schmitt trigger with 5 V tolerant input
(1) Positive-going edge
(2) Negative-going edge
Linear change of VI between 0.8 V to 2.0 V. All values given are typical unless otherwise specified.
Fig 10. Average ICC as a function of VCC
23
4
6
50
0
40
5
30
20
10
mnb156
ICC
(mA)
VCC (V)
(1)
(2)


Similar Part No. - 74LVC2G17GV-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G17GV-Q100 NEXPERIA-74LVC2G17GV-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
More results

Similar Description - 74LVC2G17GV-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
   Dual inverting Schmitt trigger with 5 V tolerant input
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com