Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT573BQ-Q100 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT573BQ-Q100
Description  Octal D-type transparent latch; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT573BQ-Q100 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT573BQ-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 12Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 13Page - NXP Semiconductors 74HCT573BQ-Q100 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74HC_HCT573_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 16 August 2012
10 of 19
NXP Semiconductors
74HC573-Q100; 74HCT573-Q100
Octal D-type transparent latch; 3-state
11. Waveforms
Measurement points are given in Table 8.
Fig 7.
Propagation delay data input (Dn) to output (Qn) and output transition time
001aae082
Dn input
Qn output
VM
tPLH
tPHL
tTHL
tTLH
VM
90 %
10 %
Measurement points are given in Table 8.
Fig 8.
Pulse width latch enable input (LE), propagation delay latch enable input (LE) to output (Qn) and output
transition time
VM
VM
tPLH
tPHL
tW
LE input
Qn output
001aae083
tTLH
tTHL
90 %
10 %


Similar Part No. - 74HCT573BQ-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT573BQ-Q100 NEXPERIA-74HCT573BQ-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results

Similar Description - 74HCT573BQ-Q100

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com