Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWJNSH.EC-BQBS-5O8Q-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCWJNSH.EC-BQBS-5O8Q-1
Description  LCW JNSH.EC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJNSH.EC-BQBS-5O8Q-1 Datasheet(HTML) 4 Page - OSRAM GmbH

  LCWJNSH.EC-BQBS-5O8Q-1 Datasheet HTML 1Page - OSRAM GmbH LCWJNSH.EC-BQBS-5O8Q-1 Datasheet HTML 2Page - OSRAM GmbH LCWJNSH.EC-BQBS-5O8Q-1 Datasheet HTML 3Page - OSRAM GmbH LCWJNSH.EC-BQBS-5O8Q-1 Datasheet HTML 4Page - OSRAM GmbH LCWJNSH.EC-BQBS-5O8Q-1 Datasheet HTML 5Page - OSRAM GmbH LCWJNSH.EC-BQBS-5O8Q-1 Datasheet HTML 6Page - OSRAM GmbH LCWJNSH.EC-BQBS-5O8Q-1 Datasheet HTML 7Page - OSRAM GmbH LCWJNSH.EC-BQBS-5O8Q-1 Datasheet HTML 8Page - OSRAM GmbH LCWJNSH.EC-BQBS-5O8Q-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2011-08-26
4
Version 1.0
LCW JNSH.EC
Characteristics (T
S = 25 °C, IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
v
(typ.)
2
ϕ
110
°
Forward voltage *
3) page 24
Durchlassspannung *
3) Seite 24
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.80
3.05
3.40
V
V
V
Reverse current
Sperrstrom
I
R
not designed for reverse operation
"Electrical" thermal resistance
junction / solder point **
"Elektrischer" Wärmewiderstand
Sperrschicht / Lötpad **
(with efficience
η
LED = 20 %)
(typ.)
R
th JS el
100
K/W
Real thermal resistance junction /
solder point **
Realer Wärmewiderstand
Sperrschicht / Lötpad **
(max.)
(typ.)
R
th JS real
R
th JS real
162
125
K/W
K/W
Thermal resistance junction /
ambient
4) page 24
Wärmewiderstand Sperrschicht /
Umgebung
4) Seite 24
(typ.)
R
thJA
280
K/W
Note:
* Individual groups on page 5
** R
th max based on statistic values (6σ)
Anm.:
* Einzelgruppen siehe Seite 5
** R
th max basiert auf statistischen Werten (6σ)


Similar Part No. - LCWJNSH.EC-BQBS-5O8Q-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWJNSH.EC OSRAM-LCWJNSH.EC Datasheet
2Mb / 24P
   white SMT package, colored diffused silicone resin
LCWJNSH.EC2.0 OSRAM-LCWJNSH.EC2.0 Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com