Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL129P Datasheet(PDF) 11 Page - SPANSION

Part # S25FL129P
Description  128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL129P Datasheet(HTML) 11 Page - SPANSION

Back Button S25FL129P_00 Datasheet HTML 7Page - SPANSION S25FL129P_00 Datasheet HTML 8Page - SPANSION S25FL129P_00 Datasheet HTML 9Page - SPANSION S25FL129P_00 Datasheet HTML 10Page - SPANSION S25FL129P_00 Datasheet HTML 11Page - SPANSION S25FL129P_00 Datasheet HTML 12Page - SPANSION S25FL129P_00 Datasheet HTML 13Page - SPANSION S25FL129P_00 Datasheet HTML 14Page - SPANSION S25FL129P_00 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
September 21, 2012 S25FL129P_00_08
S25FL129P
11
Data
Sheet
3.
Input/Output Descriptions
4.
Logic Symbol
Signal
I/O
Description
SO/IO1
I/O
Serial Data Output: Transfers data serially out of the device on the falling edge of SCK.
Functions as an I/O pin in Dual and Quad I/O, and Quad Page Program modes.
SI/IO0
I/O
Serial Data Input: Transfers data serially into the device. Device latches commands,
addresses, and program data on SI on the rising edge of SCK. Functions as an I/O pin in Dual
and Quad I/O mode.
SCK
Input
Serial Clock: Provides serial interface timing. Latches commands, addresses, and data on SI on
rising edge of SCK. Triggers output on SO after the falling edge of SCK.
CS#
Input
Chip Select: Places device in active power mode when driven low. Deselects device and places
SO at high impedance when high. After power-up, device requires a falling edge on CS# before
any command is written. Device is in standby mode when a program, erase, or Write Status
Register operation is not in progress.
HOLD#/IO3
I/O
Hold: Pauses any serial communication with the device without deselecting it. When driven low,
SO is at high impedance, and all input at SI and SCK are ignored. Requires that CS# also be
driven low. Functions as an I/O pin in Quad I/O mode.
W#/ACC/IO2
I/O
Write Protect: Protects the memory area specified by Status Register bits BP2:BP0. When
driven low, prevents any program or erase command from altering the data in the protected
memory area. Functions as an I/O pin in Quad I/O mode.
VCC
Input
Supply Voltage
GND
Input
Ground
CS#
SO/IO1
W#/ACC/IO2
GND
SI/IO0
SCK
HOLD#/IO3
VCC


Similar Part No. - S25FL129P_00

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
   128-Mbit 3.0 V Flash Memory
More results

Similar Description - S25FL129P_00

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com