Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS29845 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALS29845
Description  8-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29845 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALS29845 Datasheet HTML 1Page - Texas Instruments SN74ALS29845 Datasheet HTML 2Page - Texas Instruments SN74ALS29845 Datasheet HTML 3Page - Texas Instruments SN74ALS29845 Datasheet HTML 4Page - Texas Instruments SN74ALS29845 Datasheet HTML 5Page - Texas Instruments SN74ALS29845 Datasheet HTML 6Page - Texas Instruments SN74ALS29845 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
UNIT
D
C
OC
OC
Any Q
Any Q
Any Q
Any Q
CL = 50
pF
CL = 300 pF
CL = 50
pF
CL = 300
pF
CL = 300
pF
CL = 50
pF
CL = 50
pF
CL = 5 pF
ns
ns
ns
ns
SN74ALS29845, SN74ALS29846
8BIT BUS INTERFACE DTYPE LATCHES WITH 3STATE OUTPUTS
SDAS150 − D3118 — JUNE 1988
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figure 1)
VCC = 5 V,
TA = 25°C
VCC = MIN TO MAX†,
TA = MIN TO MAX†
MIN
TYP
MAX
MIN
TYP
MAX
tPLH
2
5.7
8
2
9.5
tPHL
2
6.2
8
2
9.5
tPLH
10
12.5
14
tPHL
10
14
14
tPLH
8
10.5
12
tPHL
7.5
10
12
tPLH
15
16
tPHL
15
16
tPLH
PRE
Any Q
CL = 50 pF
6.5
9
12
ns
tPHL
CLR
Any Q
CL = 50 pF
7
10
13
ns
tPZH
7.3
12
14
tPZL
9.7
12
14
tPZH
17
20
tPZL
21
23
tPHZ
10.4
14
15
tPLZ
4.7
11
12
tPHZ
3.4
8
9
tPLZ
3.8
8
9
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74ALS29845

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS29841DW TI-SN74ALS29841DW Datasheet
88Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS29841NT TI-SN74ALS29841NT Datasheet
88Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29844 TI1-SN74ALS29844 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS29845

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16841 TI-SN54ABT16841_08 Datasheet
347Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS1843 TI1-SN74AS1843 Datasheet
59Kb / 5P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com