Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1695L Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA1695L
Description  All Band TV Tuner IC (VHF-CATV-UHF)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1695L Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA1695L Datasheet HTML 2Page - Sony Corporation CXA1695L Datasheet HTML 3Page - Sony Corporation CXA1695L Datasheet HTML 4Page - Sony Corporation CXA1695L Datasheet HTML 5Page - Sony Corporation CXA1695L Datasheet HTML 6Page - Sony Corporation CXA1695L Datasheet HTML 7Page - Sony Corporation CXA1695L Datasheet HTML 8Page - Sony Corporation CXA1695L Datasheet HTML 9Page - Sony Corporation CXA1695L Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
—6—
CXA1695L
Description of Operation (See Electrical Characteristics Test Circuit)
(1) VHF oscillator circuit
The differential oscillator circuit with Pin 11 output and Pin 9 input.
Connect an LC resonance circuit comprising a varicap diode to Pin 11 through a coupling capacitor. The
positive feedback from the resonance circuit is applied to Pin 9 through a feedback capacitor to execute
oscillation. Note that if a parasitic capacitance across Pins 9 and 11 is too large, it may cause undesired
oscillation.
(2) VHF mixer circuit
This is a double-balanced mixer having small leakage of local oscillation signal. The RF signal input
terminal are Pins 2 and 4. In normal use, the signal is input to one pin while the other pin is connected to
GND by decoupling capacitor. The RF signal is converted to IF with the signal supplied from oscillator.
The converted RF is sent to the IF amplifier and output to Pins 3 and 5 simultaneously.
(3) UHF oscillator circuit
This is the differential oscillator same circuit as the VHF oscillator. In Electrical Characteristics Test Circuit,
oscillation is executed as a Colpitts oscillator using one side transistor of the differential amplifier.
(4) UHF mixer circuit
This is the double-balanced mixer same circuit as the VHF mixer. The RF signal input terminal are to Pins
10 and 12.These are used balanced differential input from pre-stage double tune circuit, or an unbalanced
input to Pin 10 with the capacitor connected at Pin 12 to GND. Balanced input achieves better NF rather
than unbalanced input.
Otherwise, the conditions and usage are the same as for the VHF mixer.
(5) IF amplifier circuit
The mixer output signal is amplified by the IF amplifier and output to Pin 1. The output impedance is
approximately 75
Ω.
(6) UHF/VHF switching circuit
UHF / VHF modes are switched by the DC voltage at Pin 7. UHF operation is for open or 0V; VHF
operation, for 3V or more.
Normally, for internal protection UHF/VHF switch is performed by 9V or open through about 10k
Ω resistor.
Notes on Usage
Care should be taken in placing external parts because high frequencies are present. Adjust accordingly
to prevent heat problems with special care for Pins 6 and 13 (GND) whose heat dissipation accumulate.


Similar Part No. - CXA1695L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1695L ETC2-CXA1695L Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CXA1695L

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com