Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL216K Datasheet(PDF) 10 Page - SPANSION

Part # S25FL216K
Description  16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL216K Datasheet(HTML) 10 Page - SPANSION

Back Button S25FL216K Datasheet HTML 6Page - SPANSION S25FL216K Datasheet HTML 7Page - SPANSION S25FL216K Datasheet HTML 8Page - SPANSION S25FL216K Datasheet HTML 9Page - SPANSION S25FL216K Datasheet HTML 10Page - SPANSION S25FL216K Datasheet HTML 11Page - SPANSION S25FL216K Datasheet HTML 12Page - SPANSION S25FL216K Datasheet HTML 13Page - SPANSION S25FL216K Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
S25FL216K
S25FL216K_00_07 August 9, 2012
D a ta
Sheet
(Prel i m i nar y)
5.
Memory Organizations
The memory is organized as:
 2,097,152 bytes
 Uniform Sector Architecture
– 32 blocks of 64 kB
– 512 sectors of 4 kB
 8,192 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector, Block or
Chip Erasable but not Page Erasable.
Figure 5.1 Memory Organization
xxFF00h
xxFFFFh
1FFF00h
1FFFFFh
..
.
.
xxF000h
xxF0FFh
1F0000h
1F0FFFh
xxEF00h
xxEFFFh
..
xxE000h
xxE0FFh
08FF00h
08FFFFh
..
080000h
0800FFh
07FF00h
07FFFFh
..
070000h
0700FFh
xx1F00h
xx1FFFh
..
xx1000h
xx10FFh
xx0F00h
xx0FFFh
00FF00h
00FFFFh
..
.
.
xx0000h
xx00FFh
000000h
0000FFh
Sector 15 (4 kB)
Block 31 (64 kB)
Sector 14 (4 kB)
Sector 0 (4 kB)
Sector 1 (4 kB)
Block 7 (64 kB)
Block 8 (64 kB)
Block 0 (64 kB)


Similar Part No. - S25FL216K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL216K CYPRESS-S25FL216K Datasheet
1Mb / 35P
   16-Mbit 3.0 V Serial Flash Memory with Uniform 4 kB Sectors
More results

Similar Description - S25FL216K

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
Cypress Semiconductor
S25FL216K CYPRESS-S25FL216K Datasheet
1Mb / 35P
   16-Mbit 3.0 V Serial Flash Memory with Uniform 4 kB Sectors
logo
Eon Silicon Solution In...
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
   16 Mbit Uniform Sector, Serial Flash Memory
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
   16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
   4 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
logo
AMIC Technology
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
   2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com