Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZPE80556MTA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EZPE80556MTA
Description  Metallized Polypropylene Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZPE80556MTA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EZPE80556MTA Datasheet HTML 1Page - Panasonic Semiconductor EZPE80556MTA Datasheet HTML 2Page - Panasonic Semiconductor EZPE80556MTA Datasheet HTML 3Page - Panasonic Semiconductor EZPE80556MTA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Dimensions in mm (not to scale)
Rating, Dimensions & Quantity / Ammo Box
Type EZPE Rated voltage : 800 VDC at 70
( 700VDC at 85
)
Dimensions [mm]
Permissible current
Part Number
CR
[ F]
W
H
L
P1
P2
dv/dt
[V/ s]
Peak
Current
[Ao-p]
( *1 )
RMS
Current
[Arms]
( *2 )
ESRtyp
[m ]
( *3 )
tan
[%]
( *4 )
Mass
[g]
MOQ
[pcs]
( *5 )
EZPE80106LTA
10
20
42
41.5
37.5
-
1.2
22
220
7.0
15.8
0.22
44
600
EZPE80156MTA
15
20
42
41.5
37.5
10.2
1.2
22
330
9.0
10.5
0.22
43
600
EZPE80206MTA
20
30
51
41.5
37.5
10.2
1.2
22
440
11.0
7.7
0.22
82
400
EZPE80256MTA
25
30
51
41.5
37.5
10.2
1.2
22
550
13.0
6.4
0.22
80
400
EZPE80306MTA
30
30
51
41.5
37.5
20.3
1.2
22
660
15.0
5.3
0.22
78
400
EZPE80356MTA
35
30
51
57.5
52.5
10.2
1.2
15
525
12.0
9.7
0.33
110
200
EZPE80406MTA
40
30
51
57.5
52.5
20.3
1.2
15
600
13.0
8.3
0.33
107
200
EZPE80456MTA
45
30
51
57.5
52.5
20.3
1.2
15
675
14.0
7.0
0.33
104
200
EZPE80506MTA
50
35
56
57.5
52.5
20.3
1.2
15
750
15.0
6.3
0.33
140
200
EZPE80556MTA
55
35
56
57.5
52.5
20.3
1.2
15
825
16.0
5.9
0.33
138
200
EZPE80606MTA
60
35
56
57.5
52.5
20.3
1.2
15
900
17.0
5.6
0.33
136
200
*1 : When rising temperature of capacitor surface by continuous peak current (included pulse current),
use within limit specified for temperature of capacitor surface and self heating temperature rise.
*2 : Maximum RMS current @ 70
, 10 kHz
Use within limit for self heating temperature rise at capacitor surface.
*3 : Typical values @ 20 , 10 kHz
ESR : less than 2.5 × ESRtyp
*4 : Maximum dissipation factor @20 , 1 kHz
*5 : Minimum order quantity consists of 4 packing units.
(a) Rated voltage
(b) Capacitance
(c) Lot No.
( a )
( b )
( c )


Similar Part No. - EZPE80556MTA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE80556MTA PANASONIC-EZPE80556MTA Datasheet
75Kb / 3P
   Plastic Film Capacitors
More results

Similar Description - EZPE80556MTA

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com