Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1702AR Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA1702AR
Description  4-channel REC/PB Amplifier for 8 mm VCR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1702AR Datasheet(HTML) 4 Page - Sony Corporation

  CXA1702AR Datasheet HTML 1Page - Sony Corporation CXA1702AR Datasheet HTML 2Page - Sony Corporation CXA1702AR Datasheet HTML 3Page - Sony Corporation CXA1702AR Datasheet HTML 4Page - Sony Corporation CXA1702AR Datasheet HTML 5Page - Sony Corporation CXA1702AR Datasheet HTML 6Page - Sony Corporation CXA1702AR Datasheet HTML 7Page - Sony Corporation CXA1702AR Datasheet HTML 8Page - Sony Corporation CXA1702AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
—4—
CXA1702AR
9T2
10
REFV
Hi8:4.45V
Nor:3.6V
input
11
RFAGC
1.9V
400mVp-p
OUT
output
12 RFAGCTC 2.5V to
4.75V
input
(during
EVR ad-
justment)
13
RFAGC
220mVp-p
IN
input
14 DOCDET 2.55V
(when pin
is open)
Test pin. Connect decoupling
capacitance between this pin and
GND.
EVR adjusting pin to decide the
adjustment range of middle tune
fo.
Input the following:
Hi8 : 4.45 V
Nor: 3.6 V
Output pin for playback Y signal.
RFAGC time constant pin.
RFAGC gain may be adjusted by
EVR.
Increasing the input
voltage increases gain.
Input pin for playback Y signal.
Playback Y signal is separated
from playback video signal output
to Pin 17 (MTOUT), then input to
Pin 13 (RFAGCIN). Set input
signal bias in the range from 1 V
to 3.5 V. Connect to Vcc when
this pin is not in use.
Pin for deciding dropout detection
level.
Connect
decoupling
capacitance between this pin and
GND. For adjustment, input
voltage proportional to Pin 52
(VREG) output voltage.
Increasing the input voltage
increases the detection level.
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
140
60k
270
40µ
3.25V
40µ
10
15k
11
40µ
2k
600µ
410µ
12
140
50µ
50µ
25µ
25µ
140
13p
50k
3.25V
13
50µ
14
26.5k
42.5k
4.15V
140
50µ
12
RFAGCTC
4700p
470k
VCC


Similar Part No. - CXA1702AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1700 SONY-CXA1700 Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AR SONY-CXA1700AR Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA1709 SONY-CXA1709 Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
More results

Similar Description - CXA1702AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA2032Q SONY-CXA2032Q Datasheet
323Kb / 20P
   2-channel REC/PB Amplifier for 8 mm VTR
logo
Rohm
BA7746S ROHM-BA7746S Datasheet
142Kb / 12P
   VCR Hi-Fi audio signal REC / PB amplifier
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
logo
Toshiba Semiconductor
TA1250F TOSHIBA-TA1250F Datasheet
325Kb / 9P
   4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
logo
Rohm
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
   Switchless REC / PB amplifier for standard audio signal processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com