Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1700 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA1700
Description  Luminance and Color Signal Processing for 8mm VCR
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1700 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA1700 Datasheet HTML 2Page - Sony Corporation CXA1700 Datasheet HTML 3Page - Sony Corporation CXA1700 Datasheet HTML 4Page - Sony Corporation CXA1700 Datasheet HTML 5Page - Sony Corporation CXA1700 Datasheet HTML 6Page - Sony Corporation CXA1700 Datasheet HTML 7Page - Sony Corporation CXA1700 Datasheet HTML 8Page - Sony Corporation CXA1700 Datasheet HTML 9Page - Sony Corporation CXA1700 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
—6—
CXA1700AQ/AR
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
Internal reference voltage
source. (Can not be used as
external bias for Pins other
than 4, 6, and 9.)
Outputs chroma signal that
has passed through PB C
BPF and chroma feedback
comb filter subtracter
after frequency conversion
during playback.
Connects decoupling
capacitor for limiter of the
playback Y comb block.
Outputs Y signal processed by
comb filter. During playback,
the signal is output through
the sharpness circuit. If mode
E is set High, the signal is
output without passing
through the f sc Trap; if mode
SHP THRU is set High, the
signal is output without
passing through the sharp
-ness circuit.
VCA gain adjustment in the
comb filter block. (Refer to
Adjustment Procedure.)
150
3k
11
2.5k
150
300
12
0.6mA
270
150
13
150
10k
10k
1.4mA
150
14
150
15
11 VG1
12 C TRAP
13 LIM C
14 Y COMB
OUT
15 COMB ADJ
2.05V
2.05V
2.4V
1.2V
(sync tip
level)
Control
range: 1.8V
to Vcc
Chroma
signal
300mVp-p
output during
playback
Y signal
500mVp-p
output


Similar Part No. - CXA1700

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA1709 SONY-CXA1709 Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
More results

Similar Description - CXA1700

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com