Electronic Components Datasheet Search |
|
CXA1726AM Datasheet(PDF) 5 Page - Sony Corporation |
|
CXA1726AM Datasheet(HTML) 5 Page - Sony Corporation |
5 / 10 page – 5 – CXA1726AM/AS 20 21 Current consumption 1 Current consumption 2 ICC IEE A1 A16 21 –33 26 –26 33 –21 mA mA 13 14 15 16 17 18 19 Frequency response Switch threshold high Switch threshold low Output dynamic range Input bias current Output offset voltage Delay time GT VSH VSL VOUT IIB VO DT IN = SG1 IN = 0V IN = 0V X = 1V, Y = SG2 OUT SW SW OUT IN OUT IN, OUT –3 2.5 –1 –15 50 –0.15 –0.4 –3 113 1 2.0 ±3.1 1 15 200 dB V V V µA mV ns Input t Output 100% 50% 0% Measure "t". Switch 8 9 10 11 12 Input bias current Voltage gain Output dynamic range Frequency response Input offset voltage IIB AV VOUT GT VI IN = 0V Inversed input pin = SG1 Non-inversed input pin = GND IN = 0V IN OUT –1 50 –3 –6 0.35 80 –0.15 –2 1 ±3.65 1.4 +6 µA dB V dB mV Operational Amplifier No. Item Symbol Conditions Measurement point Min. Typ. Max. Unit No. Item Symbol Conditions Measurement point Min. Typ. Max. Unit No. Item Symbol Conditions Measurement point Min. Typ. Max. Unit |
Similar Part No. - CXA1726AM |
|
Similar Description - CXA1726AM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |