Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC0805W5006FET Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # HVC0805W5006FET
Description  Precision High-Value High-voltage Wraparound Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HVC0805W5006FET Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  HVC0805W5006FET Datasheet HTML 1Page - Ohmite Mfg. Co. HVC0805W5006FET Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
D imen S ion S
(mm)
ho W to or D er
Power
Size Rating (mW)
L
W
T
a
0805
125
2.00 +.15/-.05
1.25 +.15/-.05
0.40 +.15/-.05
0.3 +.2/-.1
1206
250
3.20 +.15/-.05
1.50 +.2/-.05
0.40 +.15/-.05
0.3 +.2/-.1
2512
1000
6.30 +.15/-.05
3.50 +.2/-.05
0.60 +.15/-.05
0.9 ±.2
W
L
T
a
hVc Series
Precision High-Value High-voltage Wraparound Chip
H V C 1 2 0 6 T 1 0 0 4 J E T
Tolerance
D =0.50%
F = 1%
G = 2%
J = 5%
K = 10%
M= 20%
P = 30%
Ohms
1004 = 1M
Ω
5006 = 500M
Ω
(ppm)
TCR
W=
25
V =
50
T = 100
Z = 250
E = 500
N = 1000
U = 2000
Tape & Reel
500 pc/reel
RoHS Compliant
Package
Size
Series
High Voltage
Wrap Around Chip
Standard Part Numbers
HVC0805T1004JET
HVC0805T5004JET
HVC0805T1005JET
HVC0805T5005JET
HVC0805T1006JET
HVC0805Z5006JET
HVC0805Z1007JET
HVC0805Z1008KET
HVC1206T1004JET
HVC1206T5004JET
HVC1206T1005JET
HVC1206T5005JET
HVC1206T1006JET
HVC1206Z5006JET
HVC1206Z1007JET
HVC1206Z1008KET
THICK FILM
SMD
HVC2512T1004JET
HVC2512T5004JET
HVC2512T1005JET
HVC2512T5005JET
HVC2512T1006JET
HVC2512Z5006JET
HVC2512Z1007JET


Similar Part No. - HVC0805W5006FET

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVC0805 RIEDON-HVC0805 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
logo
Stackpole Electronics, ...
HVC0805 SEI-HVC0805 Datasheet
267Kb / 5P
   High Voltage Thick Film Chip Resistor
11/18/2020
logo
List of Unclassifed Man...
HVC0805 ETC2-HVC0805 Datasheet
114Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
Ohmite Mfg. Co.
HVC0805 OHMITE-HVC0805 Datasheet
329Kb / 2P
   Low temperature and voltage dependency
logo
Riedon Powertron
HVC0805 RIEDON-HVC0805 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results

Similar Description - HVC0805W5006FET

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HVC OHMITE-HVC Datasheet
330Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
logo
Vishay Siliconix
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
Revision: 19-Nov-13
logo
RCD COMPONENTS INC.
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
Vishay Siliconix
P VISHAY-P_V01 Datasheet
148Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
01-Jan-2022
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
   High Precision Wraparound Thin Film Chip Resistors
01-Jan-2022
P VISHAY-P Datasheet
131Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
Revision: 20-Feb-15
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
logo
Vishay Siliconix
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com