Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT648NT Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74BCT648NT
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT648NT Datasheet(HTML) 7 Page - Texas Instruments

  SN74BCT648NT Datasheet HTML 1Page - Texas Instruments SN74BCT648NT Datasheet HTML 2Page - Texas Instruments SN74BCT648NT Datasheet HTML 3Page - Texas Instruments SN74BCT648NT Datasheet HTML 4Page - Texas Instruments SN74BCT648NT Datasheet HTML 5Page - Texas Instruments SN74BCT648NT Datasheet HTML 6Page - Texas Instruments SN74BCT648NT Datasheet HTML 7Page - Texas Instruments SN74BCT648NT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SN54BCT648, SN74BCT648
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS050B − MAY 1990 − REVISED APRIL 1994
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54BCT648
SN74BCT648
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
67
110
67
67
MHz
tPLH
CLKBA or CLKAB
A or B
3.7
7.4
10.3
3.7
13.4
3.7
12.1
ns
tPHL
CLKBA or CLKAB
A or B
4.3
7.8
10.6
4.3
13.2
4.3
12.5
ns
tPLH
A or B
B or A
3.8
7.4
9.9
3.8
12.8
3.8
12.2
ns
tPHL
A or B
B or A
3.3
6.5
8.9
3.3
11.2
3.3
10.1
ns
tPLH
SAB or SBA†
A or B
3.3
6.2
8.4
3.3
10.7
3.3
9.7
ns
tPHL
SAB or SBA†
(with A or B high)
A or B
5.3
9.6
12.6
5.3
16.5
5.3
15.5
ns
tPLH
SBA or SAB†
A or B
4.6
8.8
11.7
4.6
16.5
4.6
14.3
ns
tPHL
SBA or SAB†
(with A or B low)
A or B
4.9
8.4
11.1
4.9
13.8
4.9
13
ns
tPZH
OE
A or B
4.5
8.4
11
4.5
14.4
4.5
13.5
ns
tPZL
OE
A or B
4.9
9.2
12.2
4.9
16
4.9
15
ns
tPHZ
OE
A or B
4
7.3
9.7
4
12
4
11.2
ns
tPLZ
OE
A or B
3.5
6.6
9.3
3.5
11.6
3.5
10.5
ns
tPZH
DIR
A or B
3.1
7.4
11
3.1
14.1
3.1
13.4
ns
tPZL
DIR
A or B
3.8
8.3
12.2
3.8
15.5
3.8
14.7
ns
tPHZ
DIR
A or B
4.3
8.3
11.6
3.5
14.3
4.3
13.9
ns
tPLZ
DIR
A or B
2.7
6.7
9.9
2.7
12.8
2.7
11.9
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
NOTE 2: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN74BCT648NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT640 TI-SN74BCT640 Datasheet
476Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT640 TI-SN74BCT640 Datasheet
621Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT640 TI-SN74BCT640 Datasheet
650Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT640DW TI-SN74BCT640DW Datasheet
476Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT640DW TI-SN74BCT640DW Datasheet
621Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT648NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com