Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT979DL Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74BCT979DL
Description  9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT979DL Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74BCT979DL Datasheet HTML 2Page - Texas Instruments SN74BCT979DL Datasheet HTML 3Page - Texas Instruments SN74BCT979DL Datasheet HTML 4Page - Texas Instruments SN74BCT979DL Datasheet HTML 5Page - Texas Instruments SN74BCT979DL Datasheet HTML 6Page - Texas Instruments SN74BCT979DL Datasheet HTML 7Page - Texas Instruments SN74BCT979DL Datasheet HTML 8Page - Texas Instruments SN74BCT979DL Datasheet HTML 9Page - Texas Instruments SN74BCT979DL Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN74BCT979
9BIT REGISTERED BTL TRANSCEIVER
WITH PARITY GENERATOR/CHECKER
SCBS115A − OCTOBER 1990 − REVISED NOVEMBER 1993
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AI
B
1.3
6.8
8.6
1.3
10.4
ns
tPHL
AI
B
2.1
7.8
9.8
2.1
11.8
ns
tPLH
AI
BPAR
3.7
11.6
13.9
3.7
17.6
ns
tPHL
AI
BPAR
5.4
13.9
15.7
5.4
19.2
ns
tPLH
B
AO
2.8
9
11.1
2.8
14.3
ns
tPHL
B
AO
2.4
8.1
10
2.4
12.3
ns
tPLH
B
APARO
4.5
14.1
16.1
4.5
20.9
ns
tPHL
B
APARO
4.2
13.3
15.9
4.2
20.5
ns
tPLH
APARI
BPAR
1.6
6
7.7
1.6
9.3
ns
tPHL
APARI
BPAR
3.4
9.5
11.2
3.4
13.6
ns
tPLH
BPAR
APARO
2.7
7.9
9.9
2.7
12.8
ns
tPHL
BPAR
APARO
3
8.1
10
3
12.5
ns
tPLH
AI
ERRA
3
10.9
13
3
16.1
ns
tPLH
APARI
ERRA
2.8
8.2
10.2
2.8
12.6
ns
tPHL
AI
ERRA
4.2
11.8
14
4.2
16.7
ns
tPHL
APARI
ERRA
4
8.9
10.9
4
12.8
ns
tPLH
B
ERRB
4.3
13.4
15.9
4.3
20.6
ns
tPLH
BPAR
ERRB
4.2
10.8
13.1
4.2
16.6
ns
tPHL
B
ERRB
5.5
14.5
17
5.5
21.5
ns
tPHL
BPAR
ERRB
5.5
11.3
13.5
5.5
16.5
ns
tPLH
ODD/EVEN
ERRA
3.4
9.1
10.9
3.4
13.7
ns
tPHL
ODD/EVEN
ERRA
4.4
10.3
12.2
4.4
14.5
ns
tPLH
ODD/EVEN
ERRB
3.4
8.7
10.7
3.4
13.3
ns
tPHL
ODD/EVEN
ERRB
4.6
10
11.9
4.6
14.2
ns
tPLH
ODD/EVEN
APARO
3.4
8.7
10.6
3.4
13.5
ns
tPHL
ODD/EVEN
APARO
3.1
9
10.9
3.1
13.4
ns
tPLH
ODD/EVEN
BPAR
4
10.3
12.1
4
15.8
ns
tPHL
ODD/EVEN
BPAR
4.9
12.3
14.1
4.9
17.3
ns
tPLH
SEL
APARO
0.7
5.3
6.9
0.7
8.4
ns
tPHL
SEL
APARO
1.1
5
6.5
1.1
7.8
ns
tPLH
SEL
BPAR
1.1
6.4
8.1
1.1
10.1
ns
tPHL
SEL
BPAR
2.8
8.3
9.9
2.8
12.6
ns
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN74BCT979DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT956 TI1-SN74BCT956 Datasheet
120Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
SN74BCT956DW TI1-SN74BCT956DW Datasheet
120Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
SN74BCT956DWR TI1-SN74BCT956DWR Datasheet
120Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
SN74BCT956NT TI1-SN74BCT956NT Datasheet
120Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT979DL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com