Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2410DW Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74BCT2410DW
Description  11-BIT MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT2410DW Datasheet(HTML) 3 Page - Texas Instruments

  SN74BCT2410DW Datasheet HTML 1Page - Texas Instruments SN74BCT2410DW Datasheet HTML 2Page - Texas Instruments SN74BCT2410DW Datasheet HTML 3Page - Texas Instruments SN74BCT2410DW Datasheet HTML 4Page - Texas Instruments SN74BCT2410DW Datasheet HTML 5Page - Texas Instruments SN74BCT2410DW Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74BCT2410
11BIT MOS MEMORY DRIVER
WITH 3STATE OUTPUTS
SCBS119B − JUNE 1990 − REVISED NOVEMBER 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state, VO
−0.5 V to 5.5 V
. . . . . . . . . . . . . . .
Voltage range applied to any output in the high state, VO
−0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
60 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
NOTE 1: The input negative-voltage rating may be exceeded if the input clamp-current rating is observed.
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
−18
mA
IOH
High-level output current
−12
mA
IOL
Low-level output current
12
mA
TA
Operating free-air temperature
0
70
°C
NOTE 2: Unused or floating inputs must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
V
VOH
VCC = 4.5 V
IOH = − 3 mA
2.5
3.5
V
VOH
VCC = 4.5 V
IOH = − 12 mA
2
3.1
V
VOL
VCC = 4.5 V,
IOL = 12 mA
0.42
0.8
V
II
VCC = 5.5 V,
VI = 5.5 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
− 0.1
mA
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
−50
µA
IO§
VCC = 5.5 V,
VO = 2.25 V
−15
−70
mA
ICCL
VCC = 5.5 V,
VO = 0
40
mA
ICCH
VCC = 5.5 V,
VO = 0
40
mA
ICCZ
VCC = 5.5 V,
VO = 0
6.5
mA
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
6
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
10
pF
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.


Similar Part No. - SN74BCT2410DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT241 TI-SN74BCT241 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT241 TI1-SN74BCT241 Datasheet
172Kb / 9P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2414 TI-SN74BCT2414 Datasheet
129Kb / 9P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414 TI1-SN74BCT2414 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414DW TI1-SN74BCT2414DW Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
More results

Similar Description - SN74BCT2410DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT2827C TI1-SN64BCT2827C Datasheet
86Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
SN54ABT5401 TI-SN54ABT5401 Datasheet
106Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5400 TI1-SN54ABT5400 Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5400A TI-SN54ABT5400A Datasheet
105Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2828A TI1-SN54BCT2828A Datasheet
304Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C_08 Datasheet
418Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2828A TI1-SN54BCT2828A_14 Datasheet
316Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C Datasheet
74Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C_07 Datasheet
397Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ALS2541 TI-SN74ALS2541 Datasheet
78Kb / 5P
[Old version datasheet]   OCTAL LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com