Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1746Q Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA1746Q
Description  Electronic Volume
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1746Q Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA1746Q Datasheet HTML 6Page - Sony Corporation CXA1746Q Datasheet HTML 7Page - Sony Corporation CXA1746Q Datasheet HTML 8Page - Sony Corporation CXA1746Q Datasheet HTML 9Page - Sony Corporation CXA1746Q Datasheet HTML 10Page - Sony Corporation CXA1746Q Datasheet HTML 11Page - Sony Corporation CXA1746Q Datasheet HTML 12Page - Sony Corporation CXA1746Q Datasheet HTML 13Page - Sony Corporation CXA1746Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
—10—
CXA1746Q
FADER
FADER SELECT
RESET
Reset is performed automatically when power is first supplied to the IC; there is no reset pin.
The following table shows the respective statuses of various settings after a reset has been performed.
However, from the time when power is first supplied until the first data transfer, keep CE high by pulling it up
to VCC, etc.
OUTPUT (dB)
D32
D33
D34
D35
–60
–45
–35
–25
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
MODE
D36
FRONT
1
REAR
0
MODE
SET VALUE
INPUT
1
VRC1
∞dB
VRF1
–7 dB
VRC2
∞dB
VRF2
–7 dB
LOUD
OFF
TONE BASS
0 dB
TONE MID
0 dB
TONE TREBLE
0 dB
FADER
0 dB, REAR


Similar Part No. - CXA1746Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1741Q SONY-CXA1741Q Datasheet
403Kb / 21P
   IF Amplifier for Analog Cellular Communications
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
   IF Amplifier for Analog Cellular Communications
CXA1744AR SONY-CXA1744AR Datasheet
340Kb / 18P
   IF Amplifier for Digital Cordless Telephone
More results

Similar Description - CXA1746Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
   Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
TC9260P TOSHIBA-TC9260P Datasheet
350Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1946BQ SONY-CXA1946BQ Datasheet
365Kb / 23P
   Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com