Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC193-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC193-Q1
Description  4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC193-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74HC193-Q1 Datasheet HTML 4Page - Texas Instruments SN74HC193-Q1 Datasheet HTML 5Page - Texas Instruments SN74HC193-Q1 Datasheet HTML 6Page - Texas Instruments SN74HC193-Q1 Datasheet HTML 7Page - Texas Instruments SN74HC193-Q1 Datasheet HTML 8Page - Texas Instruments SN74HC193-Q1 Datasheet HTML 9Page - Texas Instruments SN74HC193-Q1 Datasheet HTML 10Page - Texas Instruments SN74HC193-Q1 Datasheet HTML 11Page - Texas Instruments SN74HC193-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SN74HC193Q1
4BIT SYNCHRONOUS UP/DOWN COUNTER
(DUAL CLOCK WITH CLEAR)
SCLS594A − NOVEMBER 2004 − REVISED APRIL 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
SETUP AND HOLD AND INPUT RISE AND FALL TIMES
VOLTAGE WAVEFORMS
PULSE DURATIONS
th
tsu
50%
50%
50%
10%
10%
90%
90%
VCC
VCC
0 V
0 V
tr
tf
Reference
Input
Data
Input
50%
High-Level
Pulse
50%
VCC
0 V
50%
50%
VCC
0 V
tw
Low-Level
Pulse
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. For clock inputs, fmax is measured when the input duty cycle is 50%.
D. The outputs are measured one at a time, with one input transition per measurement.
E. tPLH and tPHL are the same as tpd.
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74HC193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC193-Q1 TI1-SN74HC193-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
More results

Similar Description - SN74HC193-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F193A TI-SN74F193A Datasheet
275Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER WITH DUAL CLOCK AND CLEAR
logo
Aeroflex Circuit Techno...
UT54ACS193E AEROFLEX-UT54ACS193E Datasheet
172Kb / 11P
   Synchronous 4-Bit Up-Down Dual Clock Counter
logo
National Semiconductor ...
DM54193 NSC-DM54193 Datasheet
121Kb / 5P
   Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
logo
Texas Instruments
SN54HC193 TI-SN54HC193 Datasheet
483Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54HC193 TI1-SN54HC193_15 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54192 TI-SN54192 Datasheet
846Kb / 22P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Hitachi Semiconductor
HD74HC192 HITACHI-HD74HC192 Datasheet
74Kb / 13P
   Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com