Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC86QDRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74HC86QDRQ1
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC86QDRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC86QDRQ1 Datasheet HTML 1Page - Texas Instruments SN74HC86QDRQ1 Datasheet HTML 2Page - Texas Instruments SN74HC86QDRQ1 Datasheet HTML 3Page - Texas Instruments SN74HC86QDRQ1 Datasheet HTML 4Page - Texas Instruments SN74HC86QDRQ1 Datasheet HTML 5Page - Texas Instruments SN74HC86QDRQ1 Datasheet HTML 6Page - Texas Instruments SN74HC86QDRQ1 Datasheet HTML 7Page - Texas Instruments SN74HC86QDRQ1 Datasheet HTML 8Page - Texas Instruments SN74HC86QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74HC86-Q1
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SCLS587C − JUNE 2004 − REVISED APRIL 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = −405C
TO 125
5C
TA = −405C
TO 85
5C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
MAX
MIN
MAX
UNIT
2 V
150
125
tpd
A or B
Y
4.5 V
30
25
ns
tpd
A or B
Y
6 V
25
21
ns
2 V
110
95
tt
Y
4.5 V
22
19
ns
t
6 V
19
16
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
No load
35
pF
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time, with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74HC86QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC86 TI-SN74HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74HC86 TI-SN74HC86 Datasheet
642Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74HC86 TI1-SN74HC86 Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74HC86D TI-SN74HC86D Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74HC86D TI-SN74HC86D Datasheet
642Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Similar Description - SN74HC86QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI-74AC11086 Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
REVISED APRIL 1996
CD74AC86 TI1-CD74AC86_14 Datasheet
819Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-EP TI1-SN74LVC86A-EP Datasheet
534Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Unisonic Technologies
U74AHCT86 UTC-U74AHCT86 Datasheet
175Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LV86A-EP TI1-SN74LV86A-EP Datasheet
512Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI1-74AC11086_15 Datasheet
260Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LV86A-Q1 TI1-SN74LV86A-Q1 Datasheet
189Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com