Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1753M Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA1753M
Description  I-V Photo IC for CD Player
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1753M Datasheet(HTML) 2 Page - Sony Corporation

  CXA1753M Datasheet HTML 1Page - Sony Corporation CXA1753M Datasheet HTML 2Page - Sony Corporation CXA1753M Datasheet HTML 3Page - Sony Corporation CXA1753M Datasheet HTML 4Page - Sony Corporation CXA1753M Datasheet HTML 5Page - Sony Corporation CXA1753M Datasheet HTML 6Page - Sony Corporation CXA1753M Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
—2—
CXA1753M
Electrical and Optical Characteristics I
(VCC=3.0 V, VC=1.5 V, Ta=25 °C)
Item
Current consumption
Output offset voltage (A-F)
Output offset voltage difference
Output voltage (A-D)
Output voltage (E, F)
Maximum output voltage (A-D)
Maximum output voltage (E, F)
Frequency response (A-D)
Frequency response (E, F)
Symbol
ICC
Voff
∆Voff
VO
VO
Vomax
Vomax
fC
fC
Conditions
In the dark
In the dark
(A+B) – (C+D) In the dark
(A+D) – (B+C) In the dark
(A+C) – (B+D) In the dark
E–F
In the dark
PO=10 µW,
λ=780 nm
PO=10 µW,
λ=780 nm
PO=100 µW,
λ=780 nm
PO=100 µW,
λ=780 nm
100 kHz reference, –3 dB
10 kHz reference, –3 dB
Min.
Typ.
Max.
Unit
2.0
2.8
mA
–15
0
15
mV
–15
0
15
mV
–15
0
15
mV
–15
0
15
mV
–10
0
10
mV
290
370
450
mV
610
770
930
mV
2.0
2.2
V
2.5
2.9
V
2.0
3.0
MHz
100
400
kHz
Electrical and Optical Characteristics II
(VCC=5.0 V, VC=2.5 V, Ta=25 °C)
Item
Current consumption
Output offset voltage (A-F)
Output offset voltage difference
Output voltage (A-D)
Output voltage (E, F)
Maximum output voltage (A-D)
Maximum output voltage (E, F)
Frequency response (A-D)
Frequency response (E, F)
Symbol
ICC
Voff
∆Voff
VO
VO
Vomax
Vomax
fC
fC
Conditions
In the dark
In the dark
(A+B) – (C+D) In the dark
(A+D) – (B+C) In the dark
(A+C) – (B+D) In the dark
E–F
In the dark
PO=10 µW,
λ=780 nm
PO=10 µW,
λ=780 nm
PO=100 µW,
λ=780 nm
PO=100 µW,
λ=780 nm
100 kHz reference, –3 dB
10 kHz reference, –3 dB
Min.
Typ.
Max.
Unit
3.5
4.5
mA
–15
0
15
mV
–15
0
15
mV
–15
0
15
mV
–15
0
15
mV
–10
0
10
mV
290
370
450
mV
610
770
930
mV
4.0
4.2
V
4.5
4.9
V
2.0
2.5
MHz
100
400
kHz
Note 1 : VC is reference for output voltage and output offset voltage.
Note 2 : GND is reference for maximum output voltage.
Note 3 : Output voltage and frequency response are subject to confirmation of design.


Similar Part No. - CXA1753M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1700 SONY-CXA1700 Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AR SONY-CXA1700AR Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
More results

Similar Description - CXA1753M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2125AF TOSHIBA-TA2125AF_03 Datasheet
118Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
   POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
   Power Driver IC for CD Player
logo
Sony Corporation
CXA1915AN SONY-CXA1915AN Datasheet
108Kb / 8P
   I-V Photo IC for MiniDisc
logo
Panasonic Semiconductor
AN8746SA PANASONIC-AN8746SA Datasheet
53Kb / 5P
   PWM driver IC for portable CD player
logo
Toshiba Semiconductor
TA8212F TOSHIBA-TA8212F Datasheet
253Kb / 6P
   4CH POWER DRIVER IC FOR CD PLAYER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com