Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCT14QPWRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT14QPWRQ1
Description  HEX SCHMITT-TRIGGER INVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT14QPWRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCT14QPWRQ1 Datasheet HTML 1Page - Texas Instruments SN74HCT14QPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74HCT14QPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74HCT14QPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74HCT14QPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74HCT14QPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74HCT14QPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74HCT14QPWRQ1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN74HCT14Q1
HEX SCHMITT TRIGGER INVERTER
SCLS588A − JULY 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Operating Voltage Range of 4.5 V to 5.5 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
description/ordering information
The SN74HCT14 device contains six independent inverters. The device performs the Boolean function Y = A
in positive logic.
ORDERING INFORMATION{
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − D
Reel of 2500
SN74HCT14QDRQ1
HCT14Q
−40
°C to 125°C
TSSOP − PW
Reel of 2000
SN74HCT14QPWRQ1
HCT14Q
† For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram (positive logic)
AY
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
D OR PW PACKAGE
(TOP VIEW)
Copyright
 2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74HCT14QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT14 TI-SN74HCT14 Datasheet
85Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HCT14 TI-SN74HCT14 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HCT14 TI-SN74HCT14 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HCT14 TI-SN74HCT14 Datasheet
636Kb / 18P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74HCT14D TI-SN74HCT14D Datasheet
85Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74HCT14QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com