Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCT244QPWRG4Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT244QPWRG4Q1
Description  OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT244QPWRG4Q1 Datasheet(HTML) 5 Page - Texas Instruments

  SN74HCT244QPWRG4Q1 Datasheet HTML 1Page - Texas Instruments SN74HCT244QPWRG4Q1 Datasheet HTML 2Page - Texas Instruments SN74HCT244QPWRG4Q1 Datasheet HTML 3Page - Texas Instruments SN74HCT244QPWRG4Q1 Datasheet HTML 4Page - Texas Instruments SN74HCT244QPWRG4Q1 Datasheet HTML 5Page - Texas Instruments SN74HCT244QPWRG4Q1 Datasheet HTML 6Page - Texas Instruments SN74HCT244QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments SN74HCT244QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74HCT244QPWRG4Q1
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HCT244QPWRQ1
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN74HCT244-Q1 :
Catalog: SN74HCT244
Enhanced Product: SN74HCT244-EP
Military: SN54HCT244
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Enhanced Product - Supports Defense, Aerospace and Medical Applications
Military - QML certified for Military and Defense Applications
PACKAGE OPTION ADDENDUM
www.ti.com
18-Dec-2009
Addendum-Page 1


Similar Part No. - SN74HCT244QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT244QPWREP TI1-SN74HCT244QPWREP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HCT244QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-EP TI1-SN74HC244-EP Datasheet
608Kb / 14P
[Old version datasheet]    OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-Q1 TI1-SN74HC244-Q1 Datasheet
278Kb / 11P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74ALS1240 TI1-SN74ALS1240 Datasheet
95Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com