Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD56 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 4 Page - Texas Instruments

  TLC320AD56 Datasheet HTML 1Page - Texas Instruments TLC320AD56 Datasheet HTML 2Page - Texas Instruments TLC320AD56 Datasheet HTML 3Page - Texas Instruments TLC320AD56 Datasheet HTML 4Page - Texas Instruments TLC320AD56 Datasheet HTML 5Page - Texas Instruments TLC320AD56 Datasheet HTML 6Page - Texas Instruments TLC320AD56 Datasheet HTML 7Page - Texas Instruments TLC320AD56 Datasheet HTML 8Page - Texas Instruments TLC320AD56 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
iv
Contents (Continued)
Section
Title
Page
4.3
Electrical Characteristics Over Recommended Operating Free-Air
Temperature Range, DVDD = 5 V, AVDD = 5 V
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.1
Digital Inputs and Outputs, MCLK = 4.096 MHz,
fs = 8 kHz, Outputs Not Loaded
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.2
Digital Inputs and Outputs, MCLK = 4.096 MHz,
fs = 8 kHz, Outputs Not Loaded, DVDD = 3 V
4–2
. . . . . . . . . . . . . . . . . . . . .
4.3.3
ADC Path Filter, MCLK = 4.096 MHz, fs = 8 kHz
4–2
. . . . . . . . . . . . . . . . . .
4.3.4
ADC Dynamic Performance, MCLK = 4.096 MHz, fs = 8 kHz
4–2
. . . . . . . .
4.3.5
ADC Channel
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.6
DAC Path Filter, MCLK = 8.192 MHz, fs = 8 kHz
4–4
. . . . . . . . . . . . . . . . . .
4.3.7
DAC Dynamic Performance, DVDD = 5 V or 3 V
4–5
. . . . . . . . . . . . . . . . . . .
4.3.8
DAC Channel, DVDD = 5 V or 3 V
4–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.9
Power Supplies, No Load
4–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.10
Power-Supply Rejection
4–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.11
Timing Requirements
4–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Application Information
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Appendix A Register Set
A–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Appendix B Mechanical Data
B–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TLC320AD56

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD56C TI-TLC320AD56C Datasheet
240Kb / 43P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56C TI1-TLC320AD56C Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56CFN TI-TLC320AD56CFN Datasheet
240Kb / 43P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56CFN TI1-TLC320AD56CFN Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56CFNR TI1-TLC320AD56CFNR Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
More results

Similar Description - TLC320AD56

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD55C TI1-TLC320AD55C Datasheet
203Kb / 41P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD55 TI1-TLC320AD55 Datasheet
203Kb / 41P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56C TI1-TLC320AD56C_16 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56C TI-TLC320AD56C Datasheet
240Kb / 43P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD50C-I TI1-TLC320AD50C-I_15 Datasheet
927Kb / 57P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
TLC320AD50C-I TI-TLC320AD50C-I Datasheet
271Kb / 53P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com