Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD58 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC320AD58
Description  Sigma-Delta Stereo Analog-to-Digital Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD58 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC320AD58 Datasheet HTML 3Page - Texas Instruments TLC320AD58 Datasheet HTML 4Page - Texas Instruments TLC320AD58 Datasheet HTML 5Page - Texas Instruments TLC320AD58 Datasheet HTML 6Page - Texas Instruments TLC320AD58 Datasheet HTML 7Page - Texas Instruments TLC320AD58 Datasheet HTML 8Page - Texas Instruments TLC320AD58 Datasheet HTML 9Page - Texas Instruments TLC320AD58 Datasheet HTML 10Page - Texas Instruments TLC320AD58 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
1–3
1.5
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
INLM
2
I
Inverting input to left analog input amplifier
INLP
1
I
Noninverting input to left analog input amplifier
INRM
27
I
Inverting input to right analog input amplifier
INRP
28
I
Noninverting input to right analog input amplifier
LGND
25
I
Logic power supply ground for analog modulator
LRClk
14
I/O
Left/right clock. LRClk signifies whether the serial data is associated with the left channel
ADC (when LRClk is high) or the right channel ADC (when LRClk is low). LRClk is low
when DigPD is low.
MCLK
20
I
Master clock. MCLK is used to derive all the key logic signals of the sigma-delta audio
ADC. The nominal input frequency range is 18.432 MHz to 256 kHz.
MODE(0–2)
13, 22,
8
I
Serial modes. MODE(0–2) configure this device for many different modes of operation.
The different configurations are:
Master versus slave
16 bit versus 18 bit
MSB first versus LSB first
Slave: Fsync controlled versus Fsync high
Each of these modes is described in the serial interface section along with timing
diagrams.
MODE
MASTER/
MSB/LSB
0 1 2
SLAVE
BITS
FIRST
0 0 0
slave
up to 18
MSB
0 0 1
slave
18
LSB
0 1 0
slave
up to 18
MSB
0 1 1
master
16
MSB
1 0 0
master
18
MSB
1 0 1
master
18
LSB
1 1 0
master
16
MSB
1 1 1
master
16
LSB
OSFL,
OSFR
9, 21
O
Over scale flag left/right. If the left/right channel digital output exceeds full scale output
range for two consecutive conversions, this flag is set high for 4096 LRClk periods.
OSFL and OSFR are low when DigPD is low.
SCLK
15
I/O
Shift clock. If SCLK is configured as an input, SCLK is used to clock serial data out of
the sigma-delta audio ADC. If SCLK is configured as an output, SCLK stops clocking
when DigPD is low.
TEST1
7
I
Test mode 1. TEST1 should be low for normal operation.
TEST2
11
I
Test mode 2. TEST2 should be low for normal operation.
REFI
3
I
Input voltage for modulator reference (normally connected to REFO, terminal 26).
REFO
26
I
Internal voltage reference
Vlogic
24
I
Logic power supply voltage (5 V) for analog modulator


Similar Part No. - TLC320AD58

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58CDW TI-TLC320AD58CDW Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
More results

Similar Description - TLC320AD58

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com