Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD90 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC320AD90
Description  Stereo Audio Codec
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD90 Datasheet(HTML) 4 Page - Texas Instruments

  TLC320AD90 Datasheet HTML 1Page - Texas Instruments TLC320AD90 Datasheet HTML 2Page - Texas Instruments TLC320AD90 Datasheet HTML 3Page - Texas Instruments TLC320AD90 Datasheet HTML 4Page - Texas Instruments TLC320AD90 Datasheet HTML 5Page - Texas Instruments TLC320AD90 Datasheet HTML 6Page - Texas Instruments TLC320AD90 Datasheet HTML 7Page - Texas Instruments TLC320AD90 Datasheet HTML 8Page - Texas Instruments TLC320AD90 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
iv
3.3.1 Power Supplies, TA = 25
°C, AVDD = DVDD = 5 V + 5%
3–2
. . . . . . . . . . . . . . .
3.3.2 Static Digital Specifications, TA = 25°C,
AVDD = DVDD1 = DVDD2 = 5 V + 5%
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3.3 Static Digital Specifications, TA = 25°C,
AVDD = DVDD1 = 5 V + 5%, DVDD2 = 3.3 V + 5%
3–2
. . . . . . . . . . . . . . . . . . . .
3.3.4 Analog Electrical Characteristics
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4
Timing Requirements
3–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.1 AC-Link Low-Power Mode Timing, TA = 25°C,
AVDD = DVDD = 5 V dc, AVSS = DVSS = 0 V, 50-pF External Load
3–6
. . . . .
3.4.2 AC-Link Timing, TA = 25°C, AVDD = DVDD = 5 V dc,
AVSS = DVSS = 0 V, 50-pF External Load
3–6
. . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.3 Data Setup and Hold Timing
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.4 Signal Rise and Fall Timing
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.5 Warm/Cold Reset Timing, TA = 25°C, AVDD = DVDD = 5 V dc,
AVSS = DVSS = 0 V, 50-pF External Load
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.6 ATE Test Mode Timing, TA = 25°C, AVDD = DVDD = 5 V dc,
AVSS = DVSS = 0 V, 50-pF External Load
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . . .
4
Parameter Measurement Information
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Application Information/System Usage
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
Software Driver Support for the Texas Instruments TLC320AD90C Stereo
Codec
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.2
The Texas Instruments TLC320AD90C Connected to an AC‘97 Compliant
Digital Controller
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
Testability
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.1 Activating the Test Modes
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.2 Test Mode Functions – ATE in Circuit Test Mode
5–2
. . . . . . . . . . . . . . . . . . . . .
Appendix A Mechanical Data
A–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TLC320AD90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90CFN TI1-TLC320AD90CFN Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90CPM TI1-TLC320AD90CPM Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
More results

Similar Description - TLC320AD90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
   STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
   Stereo Audio CODEC
logo
Texas Instruments
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
[Old version datasheet]   Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com