Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555TDF1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555TDF1
Description  LinCMOS??TIMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555TDF1 Datasheet(HTML) 1 Page - Texas Instruments

  TLC555TDF1 Datasheet HTML 1Page - Texas Instruments TLC555TDF1 Datasheet HTML 2Page - Texas Instruments TLC555TDF1 Datasheet HTML 3Page - Texas Instruments TLC555TDF1 Datasheet HTML 4Page - Texas Instruments TLC555TDF1 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLC555-DIE
www.ti.com
SLFS079 – JULY 2012
LinCMOS™ TIMER
1
FEATURES
2
Very Low Power Consumption
Functionally Interchangeable With the NE555;
Has Same Pinout
Capable of Operation in Astable Mode
ESD Protection Exceeds 2000 V Per
CMOS Output Capable of Swinging Rail to Rail
MIL-STD-883C, Method 3015.2
High Output-Current Capability
Available in Q-Temp Automotive
Output Fully Compatible With CMOS, TTL, and
High Reliability Automotive Applications
MOS
Configuration Control/Print Support
Low Supply Current Reduces Spikes During
Output Transitions
Qualification to Automotive Standards
Single-Supply Operation From 2 V to 15 V
DESCRIPTION
The TLC555 is a monolithic timing circuit fabricated using the TI LinCMOS process. The timer is fully compatible
with CMOS, TTL, and MOS logic and operates at frequencies up to 2 MHz. Because of its high input impedance,
this device uses smaller timing capacitors than those used by the NE555. As a result, more accurate time delays
and oscillations are possible. Power consumption is low across the full range of power supply voltage.
Like the NE555, the TLC555 has a trigger level equal to approximately one-third of the supply voltage and a
threshold level equal to approximately two-thirds of the supply voltage. These levels can be altered by use of the
control voltage terminal (CONT). When the trigger input (TRIG) falls below the trigger level, the flip-flop is set and
the output goes high. If TRIG is above the trigger level and the threshold input (THRES) is above the threshold
level, the flip-flop is reset and the output is low. The reset input (RESET) can override all other inputs and can be
used to initiate a new timing cycle. If RESET is low, the flip-flop is reset and the output is low. Whenever the
output is low, a low-impedance path is provided between the discharge terminal (DISCH) and GND. All unused
inputs should be tied to an appropriate logic level to prevent false triggering.
While the CMOS output is capable of sinking over 100 mA and sourcing over 10 mA, the TLC555 exhibits greatly
reduced supply-current spikes during output transitions. This minimizes the need for the large decoupling
capacitors required by the NE555.
ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE
ORDERABLE PART NUMBER
PACKAGE QUANTITY
DESIGNATOR
TLC555TDF1
210
TLC555
TD
Bare die in waffle pack(2)
TLC555TDF2
10
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Processing is per the Texas Instruments commercial production baseline and is in compliance with the Texas Instruments Quality
Control System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room
temperature only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not
warranted. Visual Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LinCMOS is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC555TDF1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555 TI-TLC555 Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
logo
Tiger Electronic Co.,Lt...
TLC555 TGS-TLC555 Datasheet
1Mb / 9P
   C-MOS
logo
Texas Instruments
TLC555 TI-TLC555 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555 TI1-TLC555 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
More results

Similar Description - TLC555TDF1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555-Q1 TI-TLC555-Q1 Datasheet
195Kb / 13P
[Old version datasheet]   LinCMOS??TIMER
TLC555-Q1 TI1-TLC555-Q1 Datasheet
475Kb / 25P
[Old version datasheet]   LinCMOS TIMER
TLC555 TI-TLC555_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC352CDRG4 TI1-TLC352CDRG4 Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com