Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5502-5M Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC5502-5M
Description  8-BIT ANALOG-TO-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5502-5M Datasheet(HTML) 5 Page - Texas Instruments

  TLC5502-5M Datasheet HTML 1Page - Texas Instruments TLC5502-5M Datasheet HTML 2Page - Texas Instruments TLC5502-5M Datasheet HTML 3Page - Texas Instruments TLC5502-5M Datasheet HTML 4Page - Texas Instruments TLC5502-5M Datasheet HTML 5Page - Texas Instruments TLC5502-5M Datasheet HTML 6Page - Texas Instruments TLC5502-5M Datasheet HTML 7Page - Texas Instruments TLC5502-5M Datasheet HTML 8Page - Texas Instruments TLC5502-5M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TLC55025M
8BIT ANALOGTODIGITAL CONVERTER
SGLS067 − MARCH 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4−183
electrical characteristics over operating supply voltage range, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = − 400 µA
2.4
V
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
II
Analog input current
VI = 0 to 5 V,
fclock = 10 MHz
±0.5
mA
IIH
Digitial high-level input current
VI = 5 V
1
µA
IIL
Digital low-level input current
VI = 0
−1
µA
IrefB
Reference current
VrefB = 0
−10
−20
mA
IrefT
Reference current
VrefT = 5 V
10
20
mA
Ci
Analog input capacitance
50
pF
IDD
Supply current
fclock = 10 MHz
30
60
mA
operating characteristics over operating supply voltage range, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fc(max) Maximum conversion rate
10
20
MHz
ED
Linearity error, differential
VI = 0 to 5 V
±0.1
±0.2 %FSR
EL
Linearity error, best straight line
VI = 0 to 5 V
±0.4 %FSR
SNR†
Signal to noise ratio
fclock = 9.9 MHz, fIN = 97 kHz,
−50
dB
THD
Total harmonic distortion
BW = 5 MHz
51
dB
BW
Analog input bandwidth (3 dB)
fclock = 10 MHz
5
MHz
td
Delay time, digital output
CL = 15 pF
10
30
ns
† SNR is total noise without THD.
timing diagram
D0−D7
Input
Analog
CLK
N+1
Data
N
Data
N−1
Data
N+2
Sample
N+1
Sample
N
Sample
twH
twL
1.4 V
td


Similar Part No. - TLC5502-5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI1-TLC551 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC5502-5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
logo
List of Unclassifed Man...
KAD2708C ETC2-KAD2708C Datasheet
436Kb / 17P
   8-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Samsung semiconductor
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
   TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com