Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5502-5M Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC5502-5M
Description  8-BIT ANALOG-TO-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5502-5M Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5502-5M Datasheet HTML 2Page - Texas Instruments TLC5502-5M Datasheet HTML 3Page - Texas Instruments TLC5502-5M Datasheet HTML 4Page - Texas Instruments TLC5502-5M Datasheet HTML 5Page - Texas Instruments TLC5502-5M Datasheet HTML 6Page - Texas Instruments TLC5502-5M Datasheet HTML 7Page - Texas Instruments TLC5502-5M Datasheet HTML 8Page - Texas Instruments TLC5502-5M Datasheet HTML 9Page - Texas Instruments TLC5502-5M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TLC55025M
8BIT ANALOGTODIGITAL CONVERTER
SGLS067 − MARCH 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4−184
TYPICAL CHARACTERISTICS
00000000
00000001
00000010
01111111
10000000
10000001
11111101
11111110
11111111
0
1
2
127
128
129
253
254
255
VI − Analog Input Voltage − V
VFS
VFT =
VFS − 1/2 LSB
VZS
VZT =
VZS + 1/2 LSB
See Note A
NOTE A: This curve is based on the assumption that VrefB and VrefT have been adjusted so that the voltage at the transition from digital 0 to 1
(VZT) is 0 and the transition to full scale (VFT) is 4.8545 V. 1 LSB = 19 mV.
Figure 1. Ideal Conversion Characteristics
20
15
5
0
010
20
30
40
50
60
25
35
SUPPLY CURRENT
vs
OPERATING FREE-AIR TEMPERATURE
40
70
10
30
TA − Operating Free-Air Temperature − °C
VDD = 5 V
fclock = 8 MHz
10
8
4
2
0
10
20
30
405060
12
70
6
14
REFERENCE CURRENT
vs
OPERATING FREE-AIR TEMPERATURE
TA − Operating Free-Air Temperature − °C
VDD = 5 V
VrefT = 5 V
VrefB = 0
Figure 2
Figure 3


Similar Part No. - TLC5502-5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI1-TLC551 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC5502-5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
logo
List of Unclassifed Man...
KAD2708C ETC2-KAD2708C Datasheet
436Kb / 17P
   8-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Samsung semiconductor
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
   TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com