Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7733QPWRG4Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7733QPWRG4Q1
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7733QPWRG4Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7733QPWRG4Q1 Datasheet HTML 2Page - Texas Instruments TLC7733QPWRG4Q1 Datasheet HTML 3Page - Texas Instruments TLC7733QPWRG4Q1 Datasheet HTML 4Page - Texas Instruments TLC7733QPWRG4Q1 Datasheet HTML 5Page - Texas Instruments TLC7733QPWRG4Q1 Datasheet HTML 6Page - Texas Instruments TLC7733QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLC7733QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLC7733QPWRG4Q1 Datasheet HTML 9Page - Texas Instruments TLC7733QPWRG4Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TLC7701-Q1, TLC7705-Q1, TLC7733-Q1
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SGLS208A − OCTOBER 2003 − REVISED MAY 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics at VDD = 5 V, RL = 2 kΩ, CL = 50 pF, TA = Full Range (unless otherwise
noted)
MEASURED
TLC77xx
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Delay time
VI(SENSE) ≥ VIT+
RESET
and
RESET
RESIN = 0.7
× VDD,
CONTROL = 0.2
× VDD,
CT = 100 nF,
TA = Full range,
See timing diagram
1.1
2.1
4.2
ms
tPLH
Propagation delay time,
low-to-high-level output
RESET
V
V
max
0 2 V
20
tPHL
Propagation delay time,
high-to-low-level output
SENSE
RESET
VIH = VIT+max + 0.2 V,
VIL = VIT−min − 0.2 V,
RESIN
07
× V
5
s
tPLH
Propagation delay time,
low-to-high-level output
SENSE
RESET
RESIN = 0.7
× VDD,
CONTROL = 0.2
× VDD,
CT
NC
5
μs
tPHL
Propagation delay time,
high-to-low-level output
RESET
CT = NC
20
tPLH
Propagation delay time,
low-to-high-level output
RESET
V
07
× V
20
μs
tPHL
Propagation delay time,
high-to-low-level output
RESIN
RESET
VIH = 0.7 × VDD,
VIL = 0.2 × VDD,
SENSE
V
max+02V
60
ns
tPLH
Propagation delay time,
low-to-high-level output
RESIN
RESET
SENSE = VIT+max + 0.2 V,
CONTROL = 0.2
× VDD,
CT
NC
65
ns
tPHL
Propagation delay time,
high-to-low-level output
RESET
CT = NC
20
μs
tPLH
Propagation delay time,
low-to-high-level output
CONTROL
RESET
VIH = 0.7 × VDD,
VIL = 0.2 × VDD,
SENSE
V
max+02V
58
ns
tPHL
Propagation delay time,
high-to-low-level output
CONTROL
RESET
SENSE = VIT+max + 0.2 V,
RESIN = 0.7
× VDD,
CT = NC
58
ns
Low-level minimum pulse
duration to switch RESET
SENSE
VIH = VIT+max + 0.2 V,
VIL = VIT−min − 0.2 V,
3
s
duration to switch RESET
and RESET
RESIN
VIL = 0.2 × VDD,
VIH = 0.7 × VDD
1
μs
tr
Rise time
RESET
and
10% to 90%
8
ns/V
tf
Fall time
and
RESET
90% to 10%
4
ns/V
NC = No capacitor, and includes up to 100-pF probe and jig capacitance.


Similar Part No. - TLC7733QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7733QPWRG4Q1 TI1-TLC7733QPWRG4Q1 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TLC7733QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com