Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM16SM64JBN Datasheet(PDF) 9 Page - Texas Instruments

Part # TM16SM64JBN
Description  SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16SM64JBN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TM16SM64JBN Datasheet HTML 4Page - Texas Instruments TM16SM64JBN Datasheet HTML 5Page - Texas Instruments TM16SM64JBN Datasheet HTML 6Page - Texas Instruments TM16SM64JBN Datasheet HTML 7Page - Texas Instruments TM16SM64JBN Datasheet HTML 8Page - Texas Instruments TM16SM64JBN Datasheet HTML 9Page - Texas Instruments TM16SM64JBN Datasheet HTML 10Page - Texas Instruments TM16SM64JBN Datasheet HTML 11Page - Texas Instruments TM16SM64JBN Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TM16SM64JBN 16777216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULE SODIMM
SMMS704 − MAY 1998
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
serial presence detect (continued)
Table 1. Serial Presence Detect Data (Continued)
BYTE
DESCRIPTION OF FUNCTION
TM16SM64JBN-10
BYTE
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
27
Minimum row-precharge time
tRP = 30 ns
1Eh
28
Minimum row-active to row-active delay
tRRD = 20 ns
14h
29
Minimum RAS-to-CAS delay
tRCD = 30 ns
1Eh
30
Minimum RAS pulse width
tRAS =50 ns
32h
31
Density of each bank on module
64M Bytes
10h
32
Command and address signal input setup time
tIS = 2 ns
20h
33
Command and address signal input hold time
tIH = 1 ns
10h
34
Data signal input setup time
tIS = 2 ns
20h
35
Data signal input hold time
tIH = 1 ns
10h
36 − 61
Superset features (may be used in the future)
62
SPD revision
Rev. 1.2
12h
63
Checksum for byte 0 − 62
19
13h
64 − 71
Manufacturer’s JEDEC ID code per JEP − 106E
97h
9700...00h
72
Manufacturing location†
TBD
73
Manufacturer’s part number
T
54h
74
Manufacturer’s part number
M
4Dh
75
Manufacturer’s part number
1
31h
76
Manufacturer’s part number
6
36h
77
Manufacturer’s part number
S
53h
78
Manufacturer’s part number
M
4Dh
79
Manufacturer’s part number
6
36h
80
Manufacturer’s part number
4
34h
81
Manufacturer’s part number
J
4Ah
82
Manufacturer’s part number
B
42h
83
Manufacturer’s part number
N
4Eh
84
Manufacturer’s part number
2Dh
85
Manufacturer’s part number
1
31h
86
Manufacturer’s part number
0
30h
87 − 90
Manufacturer’s part number
SPACE
20h
91
Die revision code†
TBD
92
PCB revision code†
TBD
93 − 94
Manufacturing date†
TBD
95 − 98
Assembly serial number†
TBD
99 − 125
Manufacturer-specific data†
TBD
126
Clock frequency
66 MHz
66h
127
SDRAM component and clock interconnection details
199
C7h
128−166
System-integrator’s-specific data‡
TBD
167−255
Open
† TBD indicates values that are determined at manufacturing time and are module dependent.
‡ These TBD values are determined and programmed by the customer (optional).


Similar Part No. - TM16SM64JBN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM160128A ETC1-TM160128A Datasheet
26Kb / 1P
   TM160128A
logo
Shenzhen Titan Micro El...
TM1616 TITAN-TM1616 Datasheet
380Kb / 15P
   LED
TM1617 TITAN-TM1617 Datasheet
645Kb / 16P
   LED
TM1618 TITAN-TM1618 Datasheet
599Kb / 17P
   LED
logo
List of Unclassifed Man...
TM161AACU6 ETC1-TM161AACU6 Datasheet
99Kb / 1P
   TM161AACU6
More results

Similar Description - TM16SM64JBN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM4SK64KPN TI1-TM4SK64KPN Datasheet
241Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM4SK64KPU TI1-TM4SK64KPU Datasheet
268Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??? SODIMM
TM2SJ64EPN TI1-TM2SJ64EPN Datasheet
678Kb / 45P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM2SJ64EPU TI1-TM2SJ64EPU Datasheet
527Kb / 34P
[Old version datasheet]   2097152 BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
logo
Rohm
FEDD56V16161N-01 ROHM-FEDD56V16161N-01 Datasheet
989Kb / 44P
   SYNCHRONOUS DYNAMIC RAM
logo
Fujitsu Component Limit...
MB81F161622B-75 FUJITSU-MB81F161622B-75 Datasheet
2Mb / 45P
   SYNCHRONOUS DYNAMIC RAM
logo
Texas Instruments
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com