Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR607 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FR607
Description  6.0AMP.Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FR607 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FR607 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FR607 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
R-6
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss.
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260 oC /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FR601 FR602 FR603 FR604 FR605 FR606 FR607
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
oC
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
250
A
Maximum Instantaneous Forward Voltage
@ 6.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
250
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
80
pF
Typical Thermal Resistance (Note 3)
RθJA
30
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
FR601-FR607
6.0
AMP.Fast Recovery Rectifiers
Weight: 2.0grams
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FR607

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FR607 DEC-FR607 Datasheet
667Kb / 2P
   Fast switching for high efficiency
logo
Won-Top Electronics
FR607 WTE-FR607 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Diode Semiconductor Kor...
FR607 DSK-FR607 Datasheet
292Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR607 TSC-FR607 Datasheet
261Kb / 2P
   6.0 AMPS. Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
FR607 HY-FR607 Datasheet
841Kb / 3P
   Fast Recovery Recitifiers
More results

Similar Description - FR607

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
1F1 SY-1F1 Datasheet
234Kb / 2P
   FAST RECOVERY RECTIFIERS
BY396 SY-BY396 Datasheet
234Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR201 HY-FR201_1 Datasheet
90Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BY396 LUGUANG-BY396 Datasheet
173Kb / 2P
   Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
ER500 TAYCHIPST-ER500 Datasheet
2Mb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
A14A DIGITRON-A14A Datasheet
106Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
Microdiode Electronics ...
FR305 CHENDA-FR305 Datasheet
74Kb / 2P
   FAST RECOVERY RECTIFIERS
FR604 CHENDA-FR604 Datasheet
74Kb / 2P
   FAST RECOVERY RECTIFIERS
FR606 CHENDA-FR606 Datasheet
74Kb / 2P
   FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com